Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC4053AFT Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # 74VHC4053AFT
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74VHC4053AFT Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button 74VHC4053AFT Datasheet HTML 7Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 8Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 9Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 10Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 11Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 12Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 13Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 14Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 15Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
74VHC4051AFT,74VHC4052AFT,74VHC4053AFT
11
11.7. Analog Switch Characteristics (Ta = 25 �) (Note)
Characteristics
Sine Wave Distortion
Maximum frequency
response
Feed through
attenuation (switch OFF)
Crosstalk (control input
to signal output)
Crosstalk (between any
switches)
Part Number
74VHC4051AFT
74VHC4052AFT
74VHC4053AFT
74VHC4051AFT
74VHC4052AFT
74VHC4053AFT
Symbol
THD
fMAX(I/O)
FTH
Xtalk
Xtalk
Test Condition
RL = 10 kΩ, CL = 50 pF
fIN = 1 kHz
VIN is centered at (VCC/2).
Adjust input for 0 dBm.
Increase fIN frequency until dB
meter reads -3 dB.
RL = 50 Ω, CL = 10 pF, sine
wave
Figure 3
VIN is centered at (VCC/2).
Adjust input for 0 dBm.
RL = 600 Ω, CL = 50 pF,
fIN = 1 MHz, sine wave
Figure 4
VIN is centered at (VCC/2).
Adjust input for 0 dBm.
RL = 50 Ω, CL = 10 pF,
fIN = 1 MHz, sine wave
Figure 4
RL = 600 Ω, CL = 50 pF,
fIN = 1 MHz,
square wave (tr = tf = 6 ns)
Figure 5
VIN is centered at (VCC/2).
Adjust input for 0 dBm.
RL = 600 Ω, CL = 50 pF,
fIN = 1 MHz, sine wave
Figure 6
VIN = 2.0 Vp-p
VIN = 4.0 Vp-p
VCC (V)
3.0
4.5
3.0
4.5
3.0
4.5
3.0
4.5
3.0
4.5
3.0
4.5
Typ.
0.1
0.03
150
200
240
180
230
280
-45
-45
-65
-65
60
100
-45
-45
Unit
%
MHz
dB
mV
dB
Note:
These characteristics are determined by design of devices.
2022-04-26
Rev.6.0
©2015-2022
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com