Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC4053AFT Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 74VHC4053AFT
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74VHC4053AFT Datasheet(HTML) 5 Page - Toshiba Semiconductor

  74VHC4053AFT Datasheet HTML 1Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 2Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 3Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 4Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 5Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 6Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 7Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 8Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
74VHC4051AFT,74VHC4052AFT,74VHC4053AFT
5
8. Truth Table
Input
Inhibit
L
L
L
L
L
L
L
L
H
Input
C*
L
L
L
L
H
H
H
H
X
Input
B
L
L
H
H
L
L
H
H
X
Input
A
L
H
L
H
L
H
L
H
X
ON Channel
74VHC4051AFT
0
1
2
3
4
5
6
7
None
ON Channel
74VHC4052AFT
0X, 0Y
1X, 1Y
2X, 2Y
3X, 3Y
�
�
�
�
None
ON Channel
74VHC4053AFT
0X, 0Y, 0Z
1X, 0Y, 0Z
0X, 1Y, 0Z
1X, 1Y, 0Z
0X, 0Y, 1Z
1X, 0Y, 1Z
0X, 1Y, 1Z
1X, 1Y, 1Z
None
X:
Don't care
*:
Except 74VHC4052AFT
9. Absolute Maximum Ratings (Note)
Characteristics
Supply voltage
Input voltage
Switch I/O voltage
Input diode current
I/O diode current
Switch through current
VCC/ground current
Power dissipation
Storage temperature
Symbol
VCC
VIN
VI/O
IIK
II/OK
IT
ICC
PD
Tstg
Note
(Note 1)
Rating
-0.5 to 7.0
-0.5 to 7.0
-0.5 to VCC + 0.5
-20
±25
±25
±50
180
-65 to 150
Unit
V
V
V
mA
mA
mA
mA
mW
�
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1: 180 mW in the range of Ta = -40 to 85 �. From Ta = 85 to 125 � a derating factor of -3.25 mW/� shall be
applied until 50 mW.
10. Operating Ranges (Note)
Characteristics
Supply voltage
Input voltage
Switch I/O voltage
Operating temperature
Input rise and fall times
Symbol
VCC
VIN
VS
Topr
dt/dv
Test Condition
VCC = 2.5 ± 0.2 V
VCC = 3.3 ± 0.3 V
VCC = 5 ± 0.5 V
Rating
2.0 to 5.5
0 to 5.5
0 to VCC
-40 to 125
0 to 200
0 to 100
0 to 20
Unit
V
V
V
�
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
2022-04-26
Rev.6.0
©2015-2022
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com