Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8T49N488 Datasheet (PDF) - Renesas Technology Corp

8T49N488 Datasheet PDF - Renesas Technology Corp
Part # 8T49N488
Download  8T49N488 Download
File Size   1319.72 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG QUAD Universal Frequency Translator

8T49N488 Datasheet (PDF)

Go To PDF Page Download Datasheet
8T49N488 Datasheet PDF - Renesas Technology Corp

Part # 8T49N488
Download  8T49N488 Click to download

File Size   1319.72 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG QUAD Universal Frequency Translator

8T49N488 Datasheet (HTML) - Renesas Technology Corp


8T49N488 Product details

General Description
The 8T49N488 is a quad PLL with FemtoClock® NG technology, it
integrates low phase noise Frequency Translator / Synthesizer, Jitter
attenuation, and with alarm and monitoring functions suitable for
networking and communications applications. The device has four
fully independent PLLs, each PLL is able to generate any output
frequency in the 0.98MHz - 312.5MHz range and most output
frequencies in the 312.5MHz - 1,300MHz range (see Table 3 for
details). A wide range of input reference clocks and operation
reference clock may be used as the source for the output frequency.
Each PLL of 8T49N488 has three operating modes to support a very
broad spectrum of applications:
1) Frequency Synthesizer
• Synthesizes output frequencies from an external reference
clock REFCLK.
• Fractional feedback division is used, so there are no
requirements for any specific input reference clock frequency to
produce the desired output frequency with a high degree of
accuracy.
2) High-Bandwidth Frequency Translator
• Applications: PCI Express, Computing, General Purpose
• Translates any input clock in the 16MHz - 710MHz frequency
range into any supported output frequency.
• This mode has a high PLL loop bandwidth in order to track input
reference changes, such as Spread-Spectrum Clock
modulation.
3) Low-Bandwidth Frequency Translator
• Applications: Networking & Communications.
• Translates any input clock in the 8kHz -710MHz frequency
range into any supported output frequency.
• This mode supports PLL loop bandwidths in the 10Hz - 580Hz
range and makes use of an external REFCLK to provide
significant jitter attenuation.
Each PLL provides factory-programmed default power-up
configuration burned into One-Time Programmable (OTP) memory.
The configuration is specified by customer and are programmed by
IDT during the final test phase from an on-hand stock of blank
devices.
To implement other configurations, these power-up default settings
can be overwritten after power-up using the I2C interface and the
device can be completely reconfigured.

Features
• Fourth generation FemtoClock® NG technology
• Four fully independent PLLs
• Universal Frequency TranslatorTM/Frequency Synthesizer and
Jitter attenuator
• Outputs are programmable as LVPECL or LVDS
• Programmable output frequency: 0.98MHz up to 1,300MHz
• Two differential inputs support the following input levels:
LVPECL, LVDS, LVHSTL, HCSL
• Input frequency range: 8kHz ~ 710MHz Low-Bandwidth
• Input frequency range: 16MHz ~ 710MHz High-Bandwidth
• REFCLK frequency range: 16MHz ~ 40MHz
• Input clock monitor and alarm
• Smoothed reference switch
• Factory-set register configuration for power-up default state
• Power-up default configuration
• Configuration customized via One-Time Programmable ROM
• Settings may be overwritten after power-up via I2C
• I
2C Serial interface for register programming
• RMS phase jitter at 161.1328125MHz,using 40MHz REFCLK
(12kHz ~ 20MHz): 465fs (typical), Low Bandwidth Mode (FracN)
• RMS phase jitter at 400MHz,using 40MHz REFCLK
(12kHz ~ 20MHz): 333fs (typical), Synthesizer Mode (Integer FB)
• Full 2.5V ±5% supply mode
• -40°C to 85°C ambient operating temperature
• 10mm X 10mm CABGA package
• Lead-free (RoHS 6) packaging




Similar Part No. - 8T49N488

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T49N488 IDT-8T49N488 Datasheet
1Mb / 36P
Fourth generation FemtoClock
More results


Similar Description - 8T49N488

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T49N241 RENESAS-8T49N241 Datasheet
1Mb / 67P
FemtoClock® NG Universal Frequency Translator
March 5, 2019
8T49N242 RENESAS-8T49N242 Datasheet
1Mb / 67P
FemtoClock® NG Universal Frequency Translator
January 16, 2019
8T49N282 RENESAS-8T49N282 Datasheet
1Mb / 76P
FemtoClock® NG Octal Universal Frequency Translator
January 28, 2019
849N202 RENESAS-849N202 Datasheet
1Mb / 41P
FemtoClock® NG Universal Frequency Translator
May 20, 2016
ICS840N202I RENESAS-ICS840N202I Datasheet
684Kb / 32P
FemtoClock® NG Universal Frequency Translator
NOVEMBER 1, 2013
IDT8T49N203I RENESAS-IDT8T49N203I Datasheet
1Mb / 41P
FemtoClock® NG Universal Frequency Translator
OCTOBER 9, 2012
IDT8T49N445I RENESAS-IDT8T49N445I Datasheet
1Mb / 35P
FemtoClock® NG QUAD Universal Frequency Translator
JUNE 28, 2013
IDT8T49N105I RENESAS-IDT8T49N105I Datasheet
1Mb / 39P
FemtoClock® NG Universal Frequency Translator
2019
IDT8T49N222I RENESAS-IDT8T49N222I Datasheet
896Kb / 41P
FemtoClock® NG Universal Frequency Translator
2019
ICS849N212I RENESAS-ICS849N212I Datasheet
943Kb / 39P
FemtoClock® NG Universal Frequency Translator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com