Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD75PIX170C6S Datasheet (PDF) - StarPower Europe AG

GD75PIX170C6S Datasheet PDF - StarPower Europe AG
Part # GD75PIX170C6S
Download  GD75PIX170C6S Download
File Size   365.22 Kbytes
Page   13 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 1700V/75A PIM in one-package

GD75PIX170C6S Datasheet (PDF)

Go To PDF Page Download Datasheet
GD75PIX170C6S Datasheet PDF - StarPower Europe AG

Part # GD75PIX170C6S
Download  GD75PIX170C6S Click to download

File Size   365.22 Kbytes
Page   13 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 1700V/75A PIM in one-package

GD75PIX170C6S Datasheet (HTML) - StarPower Europe AG


GD75PIX170C6S Product details

General Description
STARPOWER IGBT Power Module provides ultra low conduction loss as well as short circuit ruggedness. They are designed for the applications such as general inverters and UPS.

Features
 Low VCE(sat) Trench IGBT technology
 10μs short circuit capability
 VCE(sat) with positive temperature coefficient
 Maximum junction temperature 175oC
 Low inductance case
 Fast & soft reverse recovery anti-parallel FWD
 Isolated copper baseplate using DBC technology

Typical Applications
 Inverter for motor drive
 AC and DC servo drive amplifier
 Uninterruptible power supply




Similar Part No. - GD75PIX170C6S

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD75PIX120C6SN STARPOWER-GD75PIX120C6SN Datasheet
494Kb / 13P
IGBT Module
3/25/2019
More results


Similar Description - GD75PIX170C6S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6MBI225U-170 ETC2-6MBI225U-170 Datasheet
138Kb / 5P
IGBT Module U-Series 1700V / 225A 6 in one-package
logo
Fuji Electric
7MBP75TEA060 FUJI-7MBP75TEA060 Datasheet
355Kb / 9P
600V / 75A 7 in one-package
logo
List of Unclassifed Man...
6MBI150U-170 ETC2-6MBI150U-170 Datasheet
151Kb / 5P
IGBT Module U-Series 1700V / 150A 6 in one-package
logo
Fuji Electric
2MBI300VN-170-50 FUJI-2MBI300VN-170-50 Datasheet
542Kb / 6P
IGBT MODULE (V series) 1700V / 300A / 2 in one package
2MBI450VN-170-50 FUJI-2MBI450VN-170-50 Datasheet
547Kb / 6P
IGBT MODULE (V series) 1700V / 450A / 2 in one package
2MBI550VJ-170-50 FUJI-2MBI550VJ-170-50 Datasheet
611Kb / 6P
IGBT MODULE (V series) 1700V / 550A / 2 in one package
2MBI650VXA-170E-50 FUJI-2MBI650VXA-170E-50 Datasheet
488Kb / 7P
IGBT MODULE (V series) 1700V / 650A / 2 in one package
logo
MacMic
MMG75S170B MACMIC-MMG75S170B Datasheet
1Mb / 6P
1700V 75A IGBT Module
MMG75S170B6EN MACMIC-MMG75S170B6EN Datasheet
286Kb / 5P
1700V 75A IGBT Module
MMG75S170B6TC MACMIC-MMG75S170B6TC Datasheet
350Kb / 6P
1700V 75A IGBT Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com