Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD75PIX170C6S Datasheet(PDF) 1 Page - StarPower Europe AG

Part # GD75PIX170C6S
Description  1700V/75A PIM in one-package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD75PIX170C6S Datasheet(HTML) 1 Page - StarPower Europe AG

  GD75PIX170C6S Datasheet HTML 1Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 2Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 3Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 4Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 5Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 6Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 7Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 8Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
GD75PIX170C6S
IGBT Module
©2018 STARPOWER Semiconductor Ltd.
10/19/2018
1/13
Preliminary
STARPOWER
SEMICONDUCTOR
IGBT
GD75PIX170C6S
1700V/75A PIM in one-package
General Description
STARPOWER IGBT Power Module provides ultra
low conduction loss as well as short circuit ruggedness.
They are designed for the applications such as
general inverters and UPS.
Features
Low VCE(sat) Trench IGBT technology
10μs short circuit capability
VCE(sat) with positive temperature coefficient
Maximum junction temperature 175
oC
Low inductance case
Fast & soft reverse recovery anti-parallel FWD
Isolated copper baseplate using DBC technology
Typical Applications
Inverter for motor drive
AC and DC servo drive amplifier
Uninterruptible power supply
Equivalent Circuit Schematic


Similar Part No. - GD75PIX170C6S

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD75PIX120C6SN STARPOWER-GD75PIX120C6SN Datasheet
494Kb / 13P
IGBT Module
3/25/2019
More results

Similar Description - GD75PIX170C6S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6MBI225U-170 ETC2-6MBI225U-170 Datasheet
138Kb / 5P
IGBT Module U-Series 1700V / 225A 6 in one-package
logo
Fuji Electric
7MBP75TEA060 FUJI-7MBP75TEA060 Datasheet
355Kb / 9P
600V / 75A 7 in one-package
logo
List of Unclassifed Man...
6MBI150U-170 ETC2-6MBI150U-170 Datasheet
151Kb / 5P
IGBT Module U-Series 1700V / 150A 6 in one-package
logo
Fuji Electric
2MBI300VN-170-50 FUJI-2MBI300VN-170-50 Datasheet
542Kb / 6P
IGBT MODULE (V series) 1700V / 300A / 2 in one package
2MBI450VN-170-50 FUJI-2MBI450VN-170-50 Datasheet
547Kb / 6P
IGBT MODULE (V series) 1700V / 450A / 2 in one package
2MBI550VJ-170-50 FUJI-2MBI550VJ-170-50 Datasheet
611Kb / 6P
IGBT MODULE (V series) 1700V / 550A / 2 in one package
2MBI650VXA-170E-50 FUJI-2MBI650VXA-170E-50 Datasheet
488Kb / 7P
IGBT MODULE (V series) 1700V / 650A / 2 in one package
logo
MacMic
MMG75S170B MACMIC-MMG75S170B Datasheet
1Mb / 6P
1700V 75A IGBT Module
MMG75S170B6EN MACMIC-MMG75S170B6EN Datasheet
286Kb / 5P
1700V 75A IGBT Module
MMG75S170B6TC MACMIC-MMG75S170B6TC Datasheet
350Kb / 6P
1700V 75A IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com