Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD75PIX170C6S Datasheet(PDF) 9 Page - StarPower Europe AG

Part # GD75PIX170C6S
Description  1700V/75A PIM in one-package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD75PIX170C6S Datasheet(HTML) 9 Page - StarPower Europe AG

Back Button GD75PIX170C6S Datasheet HTML 5Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 6Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 7Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 8Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 9Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 10Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 11Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 12Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 13Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
GD75PIX170C6S
IGBT Module
©2018 STARPOWER Semiconductor Ltd.
10/19/2018
9/13
Preliminary
Fig 5. IGBT-inverter RBSOA
Fig 6. IGBT-inverter Transient Thermal Impedance
Fig 7. Diode-inverter Forward Characteristics
Fig 8. Diode-inverter Switching Loss vs. IF
0
25
50
75
100
125
150
175
0
300
600
900 1200 1500 1800
V
CE [V]
Module
R
G=6.8Ω
V
GE=±15V
T
j=150
oC
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
t [s]
IGBT
i:
1
2
3
4
r
i[K/W]:
0.0151 0.0889 0.0859 0.0781
τ
i[s]:
0.01
0.02
0.05
0.1
0
30
60
90
120
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
F [V]
Tj=25℃
Tj=125℃
Tj=150℃
0
5
10
15
20
25
30
35
40
0
30
60
90
120
150
I
F [A]
Erec Tj=125℃
Erec Tj=150℃
V
CC=900V
R
G=6.8Ω
V
GE=-15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com