Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD75PIX170C6S Datasheet(PDF) 10 Page - StarPower Europe AG

Part # GD75PIX170C6S
Description  1700V/75A PIM in one-package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD75PIX170C6S Datasheet(HTML) 10 Page - StarPower Europe AG

Back Button GD75PIX170C6S Datasheet HTML 5Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 6Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 7Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 8Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 9Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 10Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 11Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 12Page - StarPower Europe AG GD75PIX170C6S Datasheet HTML 13Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
GD75PIX170C6S
IGBT Module
©2018 STARPOWER Semiconductor Ltd.
10/19/2018
10/13
Preliminary
Fig 9. Diode-inverter Switching Loss vs. RG
Fig 10. Diode-inverter Transient Thermal Impedance
Fig 11. Diode-rectifier Forward Characteristics
Fig 12. IGBT-brake-chopper Output Characteristics
0
5
10
15
20
25
30
0
10
20
30
40
50
60
70
R
G [Ω]
Erec Tj=125℃
Erec Tj=150℃
V
CC=900V
I
F=75A
V
GE=-15V
0.01
0.1
1
0.001
0.01
0.1
1
10
t [s]
Diode
i:
1
2
3
4
r
i[K/W]:
0.0285 0.1585 0.1541 0.1399
τ
i[s]:
0.01
0.02
0.05
0.1
0
30
60
90
120
150
0.5
0.7
0.9
1.1
1.3
1.5
V
F [V]
25℃
125℃
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
3.5
4
V
CE [V]
Tj=25℃
Tj=125℃
Tj=150℃
V
GE=15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com