Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8876PWPR Datasheet (PDF) - Texas Instruments

DRV8876PWPR Datasheet PDF - Texas Instruments
Part # DRV8876PWPR
Download  DRV8876PWPR Download
File Size   2324.05 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8876 H-Bridge Motor Driver With Integrated Current Sense and Regulation

DRV8876PWPR Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8876PWPR Datasheet PDF - Texas Instruments

Part # DRV8876PWPR
Download  DRV8876PWPR Click to download

File Size   2324.05 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8876 H-Bridge Motor Driver With Integrated Current Sense and Regulation

DRV8876PWPR Datasheet (HTML) - Texas Instruments


DRV8876PWPR Product details

1 Features
1• N-channel H-bridge motor driver
– Drives one bidirectional brushed DC motor
– Two unidirectional brushed DC motors
– Other resistive and inductive loads
• 4.5-V to 37-V operating supply voltage range
• Pin to pin RDS(on) variants
– DRV8874: 200-mΩ (High-Side + Low-Side)
– DRV8876: 700-mΩ (High-Side + Low-Side)
• High output current capability
– DRV8874: 6-A Peak
– DRV8876: 3.5-A Peak
• Integrated current sensing and regulation
• Proportional current output (IPROPI)
• Selectable current regulation (IMODE)
– Cycle-by-cycle or fixed off time
• Selectable input control modes (PMODE)
– PH/EN and PWM H-bridge control modes
– Independent half-bridge control mode
• Supports 1.8-V, 3.3-V, and 5-V logic inputs
• Ultra low-power sleep mode
– <1-μA @ VVM = 24-V, TJ = 25°C
• Spread spectrum clocking for low electromagnetic
interference (EMI)
• Integrated protection features
– Undervoltage lockout (UVLO)
– Charge pump undervoltage (CPUV)
– Overcurrent protection (OCP)
– Automatic retry or outputs latched off
(IMODE)
– Thermal shutdown (TSD)
– Automatic fault recovery
– Fault indicator pin (nFAULT)

2 Applications
• Brushed DC motors
• Major and small home appliances
• Vacuum, humanoid, and toy robotics
• Printers and scanners
• Smart meters
• ATMs, currency counters, and EPOS
• Servo motors and actuators

3 Description
The DRV887x family of devices are flexible motor
drivers for a wide variety of applications. The devices
integrate an N-channel H-bridge, charge pump
regulator, current sensing and regulation, current
proportional output, and protection circuitry. The
charge pump improves efficiency by allowing for both
high-side and low-side N-channels MOSFETs and
100% duty cycle support. The family of devices come
in pin-to-pin, scalable RDS(on) options to support
different loads with minimal design changes.
Integrated current sensing allows for the driver to
regulate the motor current during start up and high
load events. A current limit can be set with an
adjustable external voltage reference. Additionally,
the devices provide an output current proportional to
the motor load current. This can be used to detect
motor stall or change in load conditions. The
integrated current sensing uses an internal current
mirror architecture, removing the need for a large
power shunt resistor, saving board area and reducing
system cost.
A low-power sleep mode is provided to achieve ultralow
quiescent current draw by shutting down most of
the internal circuitry. Internal protection features are
provided for supply undervoltage lockout (UVLO),
charge pump undervoltage (CPUV), output
overcurrent (OCP), and device overtemperature
(TSD). Fault conditions are indicated on nFAULT.




Similar Part No. - DRV8876PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8876PWPR TI1-DRV8876PWPR Datasheet
520Kb / 29P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8876PWPR TI1-DRV8876PWPR Datasheet
942Kb / 37P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
More results


Similar Description - DRV8876PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8876 TI1-DRV8876 Datasheet
520Kb / 29P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8876-Q1 TI1-DRV8876-Q1 Datasheet
715Kb / 32P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8876_1904 TI1-DRV8876_1904 Datasheet
942Kb / 37P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8874 TI1-DRV8874 Datasheet
879Kb / 31P
H-Bridge Motor Driver With Integrated Current Sense and Regulation
DRV8874-Q1 TI1-DRV8874-Q1 Datasheet
879Kb / 31P
H-Bridge Motor Driver With Integrated Current Sense and Regulation
DRV8876-Q1 TI1-DRV8876-Q1_V01 Datasheet
897Kb / 35P
DRV887x-Q1 H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8411 TI-DRV8411 Datasheet
1Mb / 45P
DRV8411 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
DRV8411A TI1-DRV8411A Datasheet
2Mb / 54P
DRV8411A Dual H-Bridge Motor Driver with Current Regulation
OCTOBER 2022
DRV8411 TI1-DRV8411_V02 Datasheet
3Mb / 57P
DRV8411 Dual H-Bridge Motor Driver with Current Regulation
REVISED OCTOBER 2022
DRV8411A TI-DRV8411A_V01 Datasheet
2Mb / 53P
DRV8411A Dual H-Bridge Motor Driver with Current Regulation
REVISED JULY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com