Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8876PWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # DRV8876PWPR
Description  DRV8876 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8876PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8876PWPR Datasheet HTML 3Page - Texas Instruments DRV8876PWPR Datasheet HTML 4Page - Texas Instruments DRV8876PWPR Datasheet HTML 5Page - Texas Instruments DRV8876PWPR Datasheet HTML 6Page - Texas Instruments DRV8876PWPR Datasheet HTML 7Page - Texas Instruments DRV8876PWPR Datasheet HTML 8Page - Texas Instruments DRV8876PWPR Datasheet HTML 9Page - Texas Instruments DRV8876PWPR Datasheet HTML 10Page - Texas Instruments DRV8876PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
0.2
0.4
0.6
0.8
1
1.2
1.4
D001
TJ = -40°C
TJ = 25°C
TJ = 85°C
TJ = 125°C
TJ = 150°C
Junction Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
160
0
0.4
0.8
1.2
1.6
2
D002
VVM = 4.5 V
VVM = 13.5 V
VVM = 24 V
VVM = 37 V
tRISE
tDEG
OUTx (A)
EN/IN1 or
PH/IN2
ttPDt
ITRIP
IPROPI (V)
ttDELAYt
OUTx (V)
ttBLKt
VREF
ttOFFt
tFALL
7
DRV8876
www.ti.com
SLVSDS7B – AUGUST 2019 – REVISED NOVEMBER 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Figure 1. Timing Parameter Diagram
6.6 Typical Characteristics
Figure 2. Sleep Current (IVMQ) vs. Supply Voltage (VVM)
Figure 3. Sleep Current (IVMQ) vs. Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com