Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8876PWPR Datasheet(PDF) 27 Page - Texas Instruments

Part # DRV8876PWPR
Description  DRV8876 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8876PWPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button DRV8876PWPR Datasheet HTML 23Page - Texas Instruments DRV8876PWPR Datasheet HTML 24Page - Texas Instruments DRV8876PWPR Datasheet HTML 25Page - Texas Instruments DRV8876PWPR Datasheet HTML 26Page - Texas Instruments DRV8876PWPR Datasheet HTML 27Page - Texas Instruments DRV8876PWPR Datasheet HTML 28Page - Texas Instruments DRV8876PWPR Datasheet HTML 29Page - Texas Instruments DRV8876PWPR Datasheet HTML 30Page - Texas Instruments DRV8876PWPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
Pulse Duration (s)
0.001 0.002
0.005 0.01
0.02
0.05
0.1
0.2 0.3 0.50.7 1
2
3 4 5 6 78 10
20 30
50 70 100
200300 500
1000
0.5
0.7
1
2
3
4
5
7
10
20
30
40
50
70
100
2oz_
2 cm^2, 2-layer
4 cm^2, 2-layer
8 cm^2, 2-layer
16 cm^2, 2 layer
4-layer
27
DRV8876
www.ti.com
SLVSDS7B – AUGUST 2019 – REVISED NOVEMBER 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Figure 30. VQFN package Junction-to-ambient thermal impedance for 2-oz copper layouts
8.2.1.3 Application Curves
Chan. 1 = VM
Chan. 2 = nFAULT
Chan. 3 = nSLEEP
Chan 4 = IOUT
Figure 31. Device Power-up with Supply Voltage (VM)
Ramp
Chan. 1 = VM
Chan. 2 = nFAULT
Chan. 3 = nSLEEP
Chan 4 = IOUT
Figure 32. Device Power-up with nSLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com