Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8876PWPR Datasheet(PDF) 19 Page - Texas Instruments

Part # DRV8876PWPR
Description  DRV8876 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8876PWPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button DRV8876PWPR Datasheet HTML 15Page - Texas Instruments DRV8876PWPR Datasheet HTML 16Page - Texas Instruments DRV8876PWPR Datasheet HTML 17Page - Texas Instruments DRV8876PWPR Datasheet HTML 18Page - Texas Instruments DRV8876PWPR Datasheet HTML 19Page - Texas Instruments DRV8876PWPR Datasheet HTML 20Page - Texas Instruments DRV8876PWPR Datasheet HTML 21Page - Texas Instruments DRV8876PWPR Datasheet HTML 22Page - Texas Instruments DRV8876PWPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
DRV887x
EN/IN1
1
PH/IN2
2
nSLEEP
3
nFAULT
4
VREF
5
IPROPI
6
IMODE
7
OUT1
8
PMODE
16
GND
15
CPL
14
CPH
13
VCP
12
VM
11
OUT2
10
PGND
9
Thermal
Pad
BDC
Controller
PWM
I/O
I/O
I/O
ADC
0.1 …F
C
Bulk
V
M
0.1 …F
0.022 …F
10 k
V
CC
R
IPROPI
V
REF
R
REF2
R
REF1
V
CC
V
REF
V
CC
19
DRV8876
www.ti.com
SLVSDS7B – AUGUST 2019 – REVISED NOVEMBER 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The DRV887x family of devices can be used in a variety of applications that require either a half-bridge or H-
bridge power stage configuration. Common application examples include brushed DC motors, solenoids, and
actuators. The device can also be utilized to drive many common passive loads such as LEDs, resistive
elements, relays, etc. The application examples below will highlight how to use the device in bidirectional current
control applications requiring an H-bridge driver and dual unidirectional current control applications requiring two
half-bridge drivers.
8.2 Typical Application
8.2.1 Primary Application
In the primary application example, the device is configured to drive a bidirectional current through an external
load (such as a brushed DC motor) using an H-bridge configuration. The H-bridge polarity and duty cycle are
controlled with a PWM and IO resource from the external controller to the EN/IN1 and PH/IN2 pins. The device is
configured for the PH/EN control mode by tying the PMODE pin to GND. The current limit threshold (ITRIP) is
generated with an external resistor divider from the control logic supply voltage (VCC). The device is configured
for the fixed off-time current regulation scheme by tying the IMODE pin to GND. The load current is monitored
with an ADC from the controller to detect the voltage across RIPROPI.
Figure 18. Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com