Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8876PWPR Datasheet(PDF) 17 Page - Texas Instruments

Part # DRV8876PWPR
Description  DRV8876 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8876PWPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button DRV8876PWPR Datasheet HTML 13Page - Texas Instruments DRV8876PWPR Datasheet HTML 14Page - Texas Instruments DRV8876PWPR Datasheet HTML 15Page - Texas Instruments DRV8876PWPR Datasheet HTML 16Page - Texas Instruments DRV8876PWPR Datasheet HTML 17Page - Texas Instruments DRV8876PWPR Datasheet HTML 18Page - Texas Instruments DRV8876PWPR Datasheet HTML 19Page - Texas Instruments DRV8876PWPR Datasheet HTML 20Page - Texas Instruments DRV8876PWPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
136 k
68 k
5 V
+
±
+
±
+
±
44 k
156 k
5 V
+
±
+
±
100 k
17
DRV8876
www.ti.com
SLVSDS7B – AUGUST 2019 – REVISED NOVEMBER 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.3.5 Pin Diagrams
7.3.5.1 Logic-Level Inputs
Figure 15 shows the input structure for the logic-level input pins EN/IN1, PH/IN2, and nSLEEP.
Figure 15. Logic-Level Input
7.3.5.2 Tri-Level Inputs
Figure 16 shows the input structure for the tri-level input pin PMODE.
Figure 16. PMODE Tri-Level Input
7.3.5.3 Quad-Level Inputs
Figure 17 shows the input structure for the quad-level input pin IMODE.
Figure 17. Quad-Level Input
7.4 Device Functional Modes
The DRV887x family of devices have several different modes of operation depending on the system inputs.
7.4.1 Active Mode
After the supply voltage on the VM pin has crossed the undervoltage threshold VUVLO, the nSLEEP pin is logic
high, and tWAKE has elapsed, the device enters its active mode. In this mode, the H-bridge, charge pump, and
internal logic are active and the device is ready to receive inputs. The input control mode (PMODE) and current
control modes (IMODE) will be latched when the device enters active mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com