Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8876PWPR Datasheet(PDF) 45 Page - Texas Instruments

Part # DRV8876PWPR
Description  DRV8876 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8876PWPR Datasheet(HTML) 45 Page - Texas Instruments

Back Button DRV8876PWPR Datasheet HTML 41Page - Texas Instruments DRV8876PWPR Datasheet HTML 42Page - Texas Instruments DRV8876PWPR Datasheet HTML 43Page - Texas Instruments DRV8876PWPR Datasheet HTML 44Page - Texas Instruments DRV8876PWPR Datasheet HTML 45Page - Texas Instruments DRV8876PWPR Datasheet HTML 46Page - Texas Instruments DRV8876PWPR Datasheet HTML 47Page - Texas Instruments DRV8876PWPR Datasheet HTML 48Page - Texas Instruments DRV8876PWPR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
6.6
6.2
14X 0.65
16X
0.30
0.19
2X
4.55
(0.15) TYP
0 - 8
0.15
0.05
3.3
2.7
3.3
2.7
2X 1.34 MAX
NOTE 5
1.2 MAX
(1)
0.25
GAGE PLANE
0.75
0.50
A
NOTE 3
5.1
4.9
B
4.5
4.3
4X 0.166 MAX
NOTE 5
4214868/A 02/2017
PowerPAD
HTSSOP - 1.2 mm max height
PWP0016A
PLASTIC SMALL OUTLINE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-153.
5. Features may not be present.
PowerPAD is a trademark of Texas Instruments.
TM
1
16
0.1
C A B
9
8
PIN 1 ID
AREA
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 2.400
THERMAL
PAD
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com