Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8876PWPR Datasheet(PDF) 23 Page - Texas Instruments

Part # DRV8876PWPR
Description  DRV8876 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8876PWPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button DRV8876PWPR Datasheet HTML 19Page - Texas Instruments DRV8876PWPR Datasheet HTML 20Page - Texas Instruments DRV8876PWPR Datasheet HTML 21Page - Texas Instruments DRV8876PWPR Datasheet HTML 22Page - Texas Instruments DRV8876PWPR Datasheet HTML 23Page - Texas Instruments DRV8876PWPR Datasheet HTML 24Page - Texas Instruments DRV8876PWPR Datasheet HTML 25Page - Texas Instruments DRV8876PWPR Datasheet HTML 26Page - Texas Instruments DRV8876PWPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
A
A
23
DRV8876
www.ti.com
SLVSDS7B – AUGUST 2019 – REVISED NOVEMBER 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
pattern with 1.2mm spacing).
•
4-layer PCB, standard FR4. Outer planes are 1-oz (35 mm copper thickness) or 2-oz copper thickness.
•
Top layer: DRV887x VQFN package footprint. Inner planes were kept at 1-oz.
•
Mid layer 1: GND plane thermally connected to DRV887x thermal pad through vias. The area of the
ground plane is 74.2 mm x 74.2 mm.
•
Mid layer 2: power plane, no thermal connection.
•
Bottom layer: signal layer with small copper pad underneath DRV887x and thermally connected through
via stitching from the TOP and internal GND planes. Bottom layer thermal pad is the same size as the
package (3 mm x 3 mm). Bottom pad size remains constant. Thermal vias are only present under the
thermal pad (grid pattern with 1.2mm spacing).
Figure 20 shows an example of the simulated board. Table 10 shows the dimensions of the board that were
varied for each simulation.
Figure 20. VQFN PCB model top layer
Table 10. Dimension A for 16-pin VQFN package
Cu area (mm2)
Dimension A (mm)
2
14.14
4
20.00
8
28.28
16
40.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com