Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8554IPWR Datasheet (PDF) - Texas Instruments

DAC8554IPWR Datasheet PDF - Texas Instruments
Part # DAC8554IPWR
Download  DAC8554IPWR Download
File Size   1008.54 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER

DAC8554IPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8554IPWR Datasheet PDF - Texas Instruments

Part # DAC8554IPWR
Download  DAC8554IPWR Click to download

File Size   1008.54 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER

DAC8554IPWR Datasheet (HTML) - Texas Instruments


DAC8554IPWR Product details

FEATURES
· Relative Accuracy: 4LSB
· Glitch Energy: 0.15nV-s
· MicroPower Operation:
150mA per channel at 2.7V
· Power-On Reset to Zero-Scale
· Power Supply: +2.7V to +5.5V
· 16-Bit Monotonic Over Temperature
· Settling Time: 10ms to ±0.003% FSR
· Ultra-Low AC Crosstalk: –100dB Typ
· Low Power SPI™ Compatible Serial Interface
with Schmitt-Triggered Inputs: Up to 50MHz
· On-Chip Output Buffer Amplifier with
Rail-to-Rail Operation
· Double Buffered Input Architecture
· Simultaneous or Sequential Output Update
and Power-Down
· 16-Channel Broadcast Capability
· 1.8V to 5.5V Logic Compatibility
· Available in a TSSOP-16 Package

APPLICATIONS
· Portable Instrumentation
· Closed-Loop Servo-Control
· Process Control
· Data Acquisition Systems
· Programmable Attenuation
· PC Peripherals

DESCRIPTION
The DAC8554 is a 16-bit, quad-channel, voltage
output, digital-to-analog converter (DAC), offering
low-power operation and a flexible serial host
interface. It offers monotonicity, good linearity, and exceptionally low glitch. Each on-chip precision
output amplifier allows rail-to-rail output swing to be
achieved over the supply range of 2.7V to 5.5V. The
device supports a standard 3-wire serial interface
capable of operating with input data clock
frequencies up to 50MHz for IOVDD = 5V.
The DAC8554 requires an external reference voltage
to set the output range of each DAC channel. Also
incorporated into the device is a power-on reset
circuit which ensures that the DAC outputs power up
at zero-scale and remain there until a valid write
takes place. The DAC8554 provides a per channel
power-down feature, accessed over the serial
interface, that reduces the current consumption to
175nA per channel at 5V.
The low-power consumption of this device in normal
operation makes it ideally suited to portable
battery-operated equipment and other low-power
applications. The power consumption is 4.25mW at
5V, reducing to 4mW in power-down mode.
The DAC8554 is available in a TSSOP-16 package
with a specified operating temperature range of
–40°C to +105°C.




Similar Part No. - DAC8554IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8554IPWR BURR-BROWN-DAC8554IPWR Datasheet
1Mb / 26P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8554IPWR TI2-DAC8554IPWR Datasheet
1,010Kb / 34P
16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
REVISED OCTOBER 2006
DAC8554IPWR.A TI2-DAC8554IPWR.A Datasheet
1,010Kb / 34P
16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
REVISED OCTOBER 2006
logo
Burr-Brown (TI)
DAC8554IPWRG4 BURR-BROWN-DAC8554IPWRG4 Datasheet
1Mb / 26P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8554IPWRG4.A TI2-DAC8554IPWRG4.A Datasheet
1,010Kb / 34P
16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
REVISED OCTOBER 2006
More results


Similar Description - DAC8554IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com