Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8554IPWR Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC8554IPWR
Description  16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8554IPWR Datasheet(HTML) 3 Page - Texas Instruments

  DAC8554IPWR Datasheet HTML 1Page - Texas Instruments DAC8554IPWR Datasheet HTML 2Page - Texas Instruments DAC8554IPWR Datasheet HTML 3Page - Texas Instruments DAC8554IPWR Datasheet HTML 4Page - Texas Instruments DAC8554IPWR Datasheet HTML 5Page - Texas Instruments DAC8554IPWR Datasheet HTML 6Page - Texas Instruments DAC8554IPWR Datasheet HTML 7Page - Texas Instruments DAC8554IPWR Datasheet HTML 8Page - Texas Instruments DAC8554IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
www.ti.com
DAC8554
SLAS431B – JUNE 2005 – REVISED OCTOBER 2006
ELECTRICAL CHARACTERISTICS (continued)
V
DD = 2.7V to 5.5V,– 40°C to +105°C range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Slew rate
1.8
V/
µs
RL = ∞
470
pF
Capacitive load stability
RL = 2kΩ
1000
pF
Code change glitch impulse
1LSB change around major carry
0.15
nV-s
Digital feedthrough
0.15
Full-scale swing on adjacent channel.
DC crosstalk
0.25
LSB
AVDD = 5V, VREF = 4.096V
AC crosstalk
1kHz sine wave
–100
dB
DC output impedance
At mid-point input
1
Ω
AVDD = 5V
50
Short-circuit current
mA
AVDD = 3V
20
Coming out of power-down mode, AVDD = 5V
2.5
Power-up time
µs
Coming out of power-down mode, AVDD = 3V
5
AC PERFORMANCE
SNR
95
THD
–85
BW = 20kHz, AVDD = 5V, FOUT = 1kHz,
dB
1st 19 harmonics removed for SNR calculation
SFDR
87
SINAD
84
REFERENCE INPUT
VREFH Voltage
VREFL < VREFH, AVDD – (VREFH + VREFL)/2 > 1.2V
0
AVDD
V
VREFL Voltage
VREFL < VREFH , AVDD – (VREFH + VREFL)/2 > 1.2V
0
AVDD/2
V
VREFL = GND, VREFH = AVDD = 5V
180
250
µA
Reference input current
VREFL = GND, VREFH = AVDD = 3V
120
200
µA
Reference input impedance
VREFL < VREFH
31
k
Ω
LOGIC INPUTS(3)
2.7V
≤ IOV
DD ≤ 5.5V
0.3
× IOV
DD
VIL
Logic input LOW voltage
V
1.8V
≤ IOV
DD ≤ 2.7V
0.1
× IOV
DD
2.7
≤ IOV
DD ≤ 5.5V
0.7
× IOV
DD
VIH
Logic input HIGH voltage
V
1.8
≤ IOV
DD < 2.7V
0.95
× IOV
DD
Pin capacitance
3
pF
POWER REQUIREMENTS
AVDD
2.7
5.5
V
IOVDD
1.8
5.5
IDD (normal mode)
Input code = 32768, no load, reference current not included
IOIDD
10
20
µA
AVDD = 3.6V to 5.5V
VIH = IOVDD and VIL = GND
0.65
0.95
mA
AVDD = 2.7V to 3.6V
0.6
0.9
IDD (all power-down modes)
AVDD = 3.6V to 5.5V
VIH = IOVDD and VIL = GND
0.7
2
µA
AVDD = 2.7V to 3.6V
0.4
2
POWER EFFICIENCY
IOUT/IDD
IL = 2mA, AVDD = 5V
89
%
TEMPERATURE RANGE
Specified performance
–40
+105
°C
(3)
Ensured by design and characterization; not production tested.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com