Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8554IPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC8554IPWR
Description  16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8554IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC8554IPWR Datasheet HTML 9Page - Texas Instruments DAC8554IPWR Datasheet HTML 10Page - Texas Instruments DAC8554IPWR Datasheet HTML 11Page - Texas Instruments DAC8554IPWR Datasheet HTML 12Page - Texas Instruments DAC8554IPWR Datasheet HTML 13Page - Texas Instruments DAC8554IPWR Datasheet HTML 14Page - Texas Instruments DAC8554IPWR Datasheet HTML 15Page - Texas Instruments DAC8554IPWR Datasheet HTML 16Page - Texas Instruments DAC8554IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: V
DD = 5V and 2.7V
0.150
0.125
0.100
0.075
0.050
0.025
0
10
8
6
4
2
0
I
(mA)
SINK
V
REF
DD
=AV
- 10mV
DACLoadedwith0000h
V
=5.5V
DD
V
=2.7V
DD
1200
1000
800
600
400
200
0
65535
8192 16384 24576 32768 40960 49152 57344
0
DigitalInputCode
AV
=V
=5V
DD
REF
AV
=V
=2.7V
DD
REF
ReferenceCurrentIncluded
1200
1000
800
600
400
200
0
120
0
40
80
-40
Temperature(°C)
AV
DD
REF
=V
=5V
AV
DD
REF
=V
=2.7V
ReferenceCurrentIncluded
900
850
800
750
700
650
600
5.5
3.05
3.4
3.75
4.1
4.45
4.8
5.15
2.7
AV
(V)
DD
V
,AllDACsPowered,
REF
DD
=AV
ReferenceCurrentIncluded,NoLoad
DAC8554
SLAS431B – JUNE 2005 – REVISED OCTOBER 2006
At T
A = +25°C, unless otherwise noted.
SUPPLY CURRENT
SINK CURRENT CAPABILITY (ALL CHANNELS)
vs DIGITAL INPUT CODE
Figure 41.
Figure 42.
SUPPLY CURRENT
SUPPLY CURRENT
vs FREE-AIR TEMPERATURE
vs SUPPLY VOLTAGE
Figure 43.
Figure 44.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com