Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8554IPWR Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC8554IPWR
Description  16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8554IPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC8554IPWR Datasheet HTML 7Page - Texas Instruments DAC8554IPWR Datasheet HTML 8Page - Texas Instruments DAC8554IPWR Datasheet HTML 9Page - Texas Instruments DAC8554IPWR Datasheet HTML 10Page - Texas Instruments DAC8554IPWR Datasheet HTML 11Page - Texas Instruments DAC8554IPWR Datasheet HTML 12Page - Texas Instruments DAC8554IPWR Datasheet HTML 13Page - Texas Instruments DAC8554IPWR Datasheet HTML 14Page - Texas Instruments DAC8554IPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
www.ti.com
3.0
2.7
2.4
2.1
1.8
1.5
0
10
2
4
6
8
I
(mA)
SOURCE
AV
DD =2.7V
V
=AV
REF
DD - 10mV
DACLoadedwithFFFFh
800
600
400
200
0
2.5 2.7
2.0
1.0
1.5
0.5
0
V
(V)
LOGIC
T
A =+25°C,SYNCInput(Allotherinputs=GND)
CHAPoweredUp(Allotherchannelsinpowerdown)
ReferenceCurrentIncluded
IOV
=AV
DD
DD
REF
=V
=2.7V
Time(2 s/div)
m
Rising
Edge
0.5V/div
AV
=2.7V,
DD
V
=2.5V,
REF
FromCode:0000
ToCode:FFFF
ZoomedRisingEdge
1mV/div
TriggerPulse:2.7V/div
Time(2 s/div)
m
Falling
Edge
0.5V/div
AV
=2.7V,
DD
V
=2.5V,
REF
FromCode:FFFF
ToCode:0000
ZoomedFallingEdge
1mV/div
TriggerPulse:2.7V/div
Time(2 s/div)
m
Rising
Edge
0.5V/div
AV
=2.7V,
DD
V
=2.5V,
REF
FromCode:4000
ToCode:CFFF
ZoomedRisingEdge
1mV/div
TriggerPulse:2.7V/div
Time(2 s/div)
m
Falling
Edge
0.5V/div
AV
=2.7V,
DD
V
=2.5V,
REF
FromCode:CFFF
ToCode:4000
ZoomedFallingEdge
1mV/div
TriggerPulse:2.7V/div
DAC8554
SLAS431B – JUNE 2005 – REVISED OCTOBER 2006
TYPICAL CHARACTERISTICS: V
DD = 2.7V (continued)
At T
A = +25°C, unless otherwise noted.
SUPPLY CURRENT
SOURCE CURRENT CAPABILITY (ALL CHANNELS)
vs LOGIC INPUT VOLTAGE
Figure 29.
Figure 30.
FULL-SCALE SETTLING TIME: 2.7V RISING EDGE
FULL-SCALE SETTLING TIME: 2.7V FALLING EDGE
Figure 31.
Figure 32.
HALF-SCALE SETTLING TIME: 2.7V RISING EDGE
HALF-SCALE SETTLING TIME: 2.7V FALLING EDGE
Figure 33.
Figure 34.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com