Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8554IPWR Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC8554IPWR
Description  16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8554IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC8554IPWR Datasheet HTML 5Page - Texas Instruments DAC8554IPWR Datasheet HTML 6Page - Texas Instruments DAC8554IPWR Datasheet HTML 7Page - Texas Instruments DAC8554IPWR Datasheet HTML 8Page - Texas Instruments DAC8554IPWR Datasheet HTML 9Page - Texas Instruments DAC8554IPWR Datasheet HTML 10Page - Texas Instruments DAC8554IPWR Datasheet HTML 11Page - Texas Instruments DAC8554IPWR Datasheet HTML 12Page - Texas Instruments DAC8554IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
www.ti.com
Time(400ns/div)
AV
=5V,
DD
V
=4.096V,
REF
FromCode:8000
ToCode:80FF
Glitch:NotDetected
TheoreticalWorstCase
Time(400ns/div)
AV
=5V,
DD
V
=4.096V,
REF
FromCode:80FF
ToCode:8000
Glitch:NotDetected
TheoreticalWorstCase
350
300
250
200
150
100
100k
100
1k
10k
Frequency(Hz)
AV
=5V
DD
V
=4.096V
REF
Code=7FFF
NoLoad
98
96
94
92
90
88
86
84
5
0
0.5
1
1.5
2
3
3.5
4
4.5
2.5
f
(kHz)
OUT
AV
=V
=5V
DD
REF
-1dBFSRDigitalInputs
f =1MSPS
S
MeasurementBandwidth=20kHz
DAC8554
SLAS431B – JUNE 2005 – REVISED OCTOBER 2006
TYPICAL CHARACTERISTICS: V
DD = 5V (continued)
At T
A = +25°C, unless otherwise noted.
GLITCH ENERGY: 5V, 256LSB STEP, RISING EDGE
GLITCH ENERGY: 5V, 256LSB STEP, FALLING EDGE
Figure 19.
Figure 20.
SIGNAL-TO-NOISE RATIO
OUTPUT NOISE DENSITY
vs OUTPUT FREQUENCY
Figure 21.
Figure 22.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com