Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8554IPWR Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC8554IPWR
Description  16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8554IPWR Datasheet(HTML) 2 Page - Texas Instruments

  DAC8554IPWR Datasheet HTML 1Page - Texas Instruments DAC8554IPWR Datasheet HTML 2Page - Texas Instruments DAC8554IPWR Datasheet HTML 3Page - Texas Instruments DAC8554IPWR Datasheet HTML 4Page - Texas Instruments DAC8554IPWR Datasheet HTML 5Page - Texas Instruments DAC8554IPWR Datasheet HTML 6Page - Texas Instruments DAC8554IPWR Datasheet HTML 7Page - Texas Instruments DAC8554IPWR Datasheet HTML 8Page - Texas Instruments DAC8554IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
ELECTRICAL CHARACTERISTICS
DAC8554
SLAS431B – JUNE 2005 – REVISED OCTOBER 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
PACKAGING/ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
RELATIVE
DIFFERENTIAL
SPECIFIED
ACCURACY
NONLINEARITY
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
DAC8554IPW
Tube, 90
DAC8554
±12
±1
TSSOP-16
PW
–40
°C to +105°C
D8554
DAC8554IPWR
Tape and Reel, 2000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
UNIT
AVDD to GND
–0.3V to 6V
Digital input voltage to GND
–0.3 V to AVDD + 0.3V
VO(A) to VO(D) to GND
–0.3V to AVDD + 0.3V
Operating temperature range
–40
°C to +105°C
Storage temperature range
–65
°C to +150°C
Junction temperature range (TJ max)
150
°C
Power dissipation
(TJmax – TA)/θJA
θ
JA Thermal impedance
118
°C/W
θ
JC Thermal impedance
29
°C/W
Human body model (HBM)
1500V
ESD rating
Charged device model (CDM)
1000V
(1)
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
V
DD = 2.7V to 5.5V,– 40°C to +105°C range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(1)
Resolution
16
Bits
Relative accuracy
Measured by line passing through codes 485 and 64741
±4
±12
LSB
Differential nonlinearity
16-bit monotonic
±0.25
±1
LSB
Zero-scale error
Measured by line passing through codes 485 and 64741
±2
±12
mV
Zero-scale error drift
±5
µV/°C
Full-scale error
±0.3
±0.5
% of FSR
Measured by line passing through codes 485 and 64741,
(AVDD = 5V, VREF = 4.99V) and (AVDD = 2.7V, VREF = 2.69V)
Gain error
±0.05
±0.15
% of FSR
ppm of
Gain temperature coefficient
±1
FSR/
°C
PSRR
Power-Supply Rejection Ratio RL = 2kΩ, CL = 200pF
0.75
mV/V
OUTPUT CHARACTERISTICS(2)
Output voltage range
0
VREFH
V
To
±0.003% FSR, 0200h to FD00h, R
L = 2kΩ,
8
10
µs
0pF < CL < 200pF
Output voltage settling time
RL = 2kΩ, CL = 500pF
12
µs
(1)
Linearity calculated using a reduced code range of 485 to 64741; output unloaded.
(2)
Ensured by design and characterization; not production tested.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com