Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8554IPWR Datasheet(PDF) 24 Page - Texas Instruments

Part # DAC8554IPWR
Description  16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8554IPWR Datasheet(HTML) 24 Page - Texas Instruments

Back Button DAC8554IPWR Datasheet HTML 20Page - Texas Instruments DAC8554IPWR Datasheet HTML 21Page - Texas Instruments DAC8554IPWR Datasheet HTML 22Page - Texas Instruments DAC8554IPWR Datasheet HTML 23Page - Texas Instruments DAC8554IPWR Datasheet HTML 24Page - Texas Instruments DAC8554IPWR Datasheet HTML 25Page - Texas Instruments DAC8554IPWR Datasheet HTML 26Page - Texas Instruments DAC8554IPWR Datasheet HTML 27Page - Texas Instruments DAC8554IPWR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
www.ti.com
USING THE REF02 AS A POWER SUPPLY
BIPOLAR OPERATION USING THE DAC8554
V
OUTX
+ VREF
D
65536
R
1
) R2
R
1
* VREF
R
2
R
1
V
OUTX
+
10
D
65536
* 5V
REF02
Three-Wire
Serial
Interface
+5V
AI
+I
DD
REF
V
=0Vto5V
OUT
SYNC
SCLK
D
IN
+15V
DAC8554
AV
,V
DD
REF
V
X
OUT
AV
,V
DD
REF
(Otherpinsomittedforclarity.)
+5V
+6V
±
5V
-
6V
OPA703
DAC8554
10 F
m
0.1 F
m
R
1
10kW
R
2
10kW
DAC8554
SLAS431B – JUNE 2005 – REVISED OCTOBER 2006
FOR THE DAC8554
The DAC8554 has been designed for single-supply
Due to the extremely low supply current required by
operation, but a bipolar output range is also possible
the DAC8554, a possible configuration is to use a
using the circuit in Figure 55. The circuit shown will
REF02 (+5V precision voltage reference) to supply
give an output voltage range of
±V
REF. Rail-to-rail
the required voltage to the DAC8554 supply input as
operation at the amplifier output is achievable using
well
as
the
reference
input,
as
illustrated
in
an amplifier such as the OPA703, as shown in
Figure 54. This is especially useful if the power
Figure 55.
supply is quite noisy or if the system supply voltages
The output voltage for any input code can be
are at some value other than 5V. The REF02 will
calculated as follows:
output a steady supply voltage for the DAC8554. If
the REF02 is used, the current it needs to supply to
the DAC8554 is 0.85mA typical for AVDD = 5V. When
a DAC output is loaded, the REF02 also needs to
supply the current to the load. The total typical
where D represents the input code in decimal
current required (with a 5k
Ω load on a given DAC
(0–65535).
output) is:
With VREF = 5V, R1 = R2 = 10kΩ.
0.85mA + (5V/5k
Ω) = 1.085mA
Using this example, an output voltage range of
±5V
with 0000h corresponding to a –5V output and
FFFFh corresponding to a 5V output can be
achieved. Similarly, using VREF = 2.5V, a ±2.5V
output voltage range can be achieved.
Figure 54. REF02 as a Power Supply to the
DAC8554
Figure 55. Bipolar Operation With the DAC8554
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com