Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8554IPWR Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC8554IPWR
Description  16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8554IPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC8554IPWR Datasheet HTML 6Page - Texas Instruments DAC8554IPWR Datasheet HTML 7Page - Texas Instruments DAC8554IPWR Datasheet HTML 8Page - Texas Instruments DAC8554IPWR Datasheet HTML 9Page - Texas Instruments DAC8554IPWR Datasheet HTML 10Page - Texas Instruments DAC8554IPWR Datasheet HTML 11Page - Texas Instruments DAC8554IPWR Datasheet HTML 12Page - Texas Instruments DAC8554IPWR Datasheet HTML 13Page - Texas Instruments DAC8554IPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: V
DD = 2.7V
8
6
4
2
0
-2
-4
-6
-8
0
8192
16384 24576 32768
DigitalInputCode
40960 49152
57344 65536
1.0
0.5
0
-0.5
-1.0
ChannelA
V
=2.7V,V
=2.69V
DD
REF
8
6
4
2
0
-2
-4
-6
-8
0
8192
16384 24576 32768
DigitalInputCode
40960 49152
57344 65536
1.0
0.5
0
-0.5
-1.0
ChannelB
V
=2.7V,V
=2.69V
DD
REF
8
6
4
2
0
-2
-4
-6
-8
0
8192
16384 24576 32768
DigitalInputCode
40960 49152
57344 65536
1.0
0.5
0
-0.5
-1.0
ChannelC
V
=2.7V,V
=2.69V
DD
REF
8
6
4
2
0
-2
-4
-6
-8
0
8192
16384 24576 32768
DigitalInputCode
40960 49152
57344 65536
1.0
0.5
0
-0.5
-1.0
ChannelD
V
=2.7V,V
=2.69V
DD
REF
5.0
2.5
0
-2.5
-5.0
-40
120
0
40
CHA
CHB
CHC
CHD
80
Temperature( C)
°
V
=2.7V
DD
V
=2.69V
REF
0
-5
-10
-15
-20
-25
120
80
40
0
-40
Temperature(°C)
CHC
CHA
CHB
CHD
AV
DD
REF
=2.7V,V
=2.69V
DAC8554
SLAS431B – JUNE 2005 – REVISED OCTOBER 2006
At T
A = +25°C, unless otherwise noted.
LINEARITY ERROR AND
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 23.
Figure 24.
LINEARITY ERROR AND
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 25.
Figure 26.
ZERO-SCALE ERROR
FULL-SCALE ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 27.
Figure 28.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com