Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8554IPWR Datasheet(PDF) 12 Page - Texas Instruments

Part # DAC8554IPWR
Description  16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8554IPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC8554IPWR Datasheet HTML 8Page - Texas Instruments DAC8554IPWR Datasheet HTML 9Page - Texas Instruments DAC8554IPWR Datasheet HTML 10Page - Texas Instruments DAC8554IPWR Datasheet HTML 11Page - Texas Instruments DAC8554IPWR Datasheet HTML 12Page - Texas Instruments DAC8554IPWR Datasheet HTML 13Page - Texas Instruments DAC8554IPWR Datasheet HTML 14Page - Texas Instruments DAC8554IPWR Datasheet HTML 15Page - Texas Instruments DAC8554IPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
www.ti.com
Time(400ns/div)
AV
=2.7V,
DD
V
=2.5V,
REF
FromCode:7FFF
ToCode:8000
Glitch:0.08nV-s
Time(400ns/div)
AV
=2.7V,
DD
V
=2.5V,
REF
FromCode:8000
ToCode:7FFF
Glitch:0.16nV-s
MeasuredWorstCase
Time(400ns/div)
AV
=2.7V,
DD
V
=2.5V,
REF
FromCode:8000
ToCode:8010
Glitch:0.04nV-s
Time(400ns/div)
AV
=2.7V,
DD
V
=2.5V,
REF
FromCode:8010
ToCode:8000
Glitch:0.12nV-s
Time(400ns/div)
AV
=2.7V,
DD
V
=2.5V,
REF
FromCode:8000
ToCode:80FF
Glitch:NotDetected
TheoreticalWorstCase
Time(400ns/div)
AV
=2.7V,
DD
V
=2.5V,
REF
FromCode:80FF
ToCode:8000
Glitch:NotDetected
TheoreticalWorstCase
DAC8554
SLAS431B – JUNE 2005 – REVISED OCTOBER 2006
TYPICAL CHARACTERISTICS: V
DD = 2.7V (continued)
At T
A = +25°C, unless otherwise noted.
GLITCH ENERGY: 2.7V, 1LSB STEP, RISING EDGE
GLITCH ENERGY: 2.7V, 1LSB STEP, FALLING EDGE
Figure 35.
Figure 36.
GLITCH ENERGY: 2.7V, 16LSB STEP, RISING EDGE
GLITCH ENERGY: 2.7V, 16LSB STEP, FALLING EDGE
Figure 37.
Figure 38.
GLITCH ENERGY: 2.7V, 256LSB STEP, RISING EDGE
GLITCH ENERGY: 2.7V, 256LSB STEP, FALLING EDGE
Figure 39.
Figure 40.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com