Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2004 Datasheet (PDF) - Texas Instruments

TSC2004 Datasheet PDF - Texas Instruments
Part # TSC2004
Download  TSC2004 Download
File Size   2105.69 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface

TSC2004 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC2004 Datasheet PDF - Texas Instruments

Part # TSC2004
Download  TSC2004 Click to download

File Size   2105.69 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface

TSC2004 Datasheet (HTML) - Texas Instruments


TSC2004 Product details

FEATURES
23· 4-Wire Touch Screen Interface
· Ratiometric Conversion
· Single 1.2V to 3.6V Supply
· Preprocessing to Reduce Bus Activity
· High-Speed I2C-Compatible Interface
· Internal Detection of Screen Touch
· Register-Based Programmable:
– 10-Bit or 12-Bit Resolution
– Sampling Rates
– System Timing
· On-Chip Temperature Measurement
· Touch Pressure Measurement
· Auto Power-Down Control
· Low Power:
– 760mW at 1.8V, 50SSPS
– 580mW at 1.6V, 50SSPS
– 285mW at 1.2V, 50SSPS
– 74mW at 1.6V, 8.2kSPS Eq. Rate
– 47mW at 1.2V, 8.2kSPS Eq. Rate
· Enhanced ESD Protection:
– ±8kV HBM
– ±1kV CDM
– ±25kV Air Gap Discharge
– ±12kV Contact Discharge
· 2.5 x 2.5 WCSP-18 and 4 x 4 QFN-20 Packages
U.S. Patent No. 6,246,394; other patents pending.

APPLICATIONS
· Cellular Phones
· Portable Instruments
· MP3 Players, Pagers
· Multiscreen Touch Control

DESCRIPTION
The TSC2004 is a very low-power touch screen controller designed to work with power-sensitive,
handheld applications that are based on advanced
low-voltage processors. It works with a supply voltage
as low as 1.2V, which can be supplied by a single-cell battery. It contains a complete,
ultralow-power, 12-bit, analog-to-digital (A/D) resistive
touch screen converter, including drivers and the
control logic to measure touch pressure.
In addition to these standard features, the TSC2004
offers preprocessing of the touch screen measurements to reduce bus loading, thus reducing
the consumption of host processor resources that can
then be redirected to more critical functions.
The TSC2004 supports an I2C serial bus and data
transmission protocol in all three defined modes:
standard, fast, and high-speed. It offers programmable resolution of 10 or 12 bits to
accommodate different screen sizes and performance
needs.
The TSC2004 is available in a miniature, 18-lead,
5 x 5 array, (2.554 ±0.54)mm x (2.554 ±0.54)mm
wafer chip-scale package (WCSP), and a 20-pin, 4 x 4 QFN package. Both packages are characterized for
the –40°C to +85°C industrial temperature range.




Similar Part No. - TSC2004

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 58P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
TSC2004I BURR-BROWN-TSC2004I Datasheet
1Mb / 58P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
TSC2004IRTJR BURR-BROWN-TSC2004IRTJR Datasheet
1Mb / 54P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2004IRTJR BURR-BROWN-TSC2004IRTJR Datasheet
1Mb / 58P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
More results


Similar Description - TSC2004

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com