Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2004 Datasheet(PDF) 9 Page - Texas Instruments

Part # TSC2004
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSC2004 Datasheet HTML 5Page - Texas Instruments TSC2004 Datasheet HTML 6Page - Texas Instruments TSC2004 Datasheet HTML 7Page - Texas Instruments TSC2004 Datasheet HTML 8Page - Texas Instruments TSC2004 Datasheet HTML 9Page - Texas Instruments TSC2004 Datasheet HTML 10Page - Texas Instruments TSC2004 Datasheet HTML 11Page - Texas Instruments TSC2004 Datasheet HTML 12Page - Texas Instruments TSC2004 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-40
-20
0
20
40
60
80
100
Temperature( C)
°
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
SNSVDD=IOVDD=V
REF
SNSVDD=1.2V
SNSVDD=1.6V
SNSVDD=3.0V
-40
-20
0
20
40
60
80
100
Temperature( C)
°
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
SNSVDD=I/OVDD=V
REF
SNSVDD=1.2V
SNSVDD=1.6V
SNSVDD=3.0V
-
40
-
20
0
20
40
60
80
100
Temperature( C)
°
650
550
450
350
250
150
50
SNSVDD=3.0V
I/OVDD=SNSVDD=V
REF
SNSVDD=1.6V
SNSVDD=1.2V
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD(V)
1.00
0.75
0.50
0.25
0
I/OVDD=SNSVDD=V
REF
T =+25 C
°
A
f
=2MHz
ADC
f
=1MHz
ADC
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD(V)
1.2
1.0
0.8
0.6
0.4
0.2
0
TouchSensorModeledBy:
2k
forY-Plane
W
2k
forY-Plane
W
1kW forZ(TouchResistance)
(2)
M=15,W=7
(1)
M=1,W=1
(1)
I/OVDD=SNSVDD=V
REF
T
A =+25°C
t
,t
,t
PVS
PRE
SNS =defaultvalues
TSC-InitiatedModeScanX,Y,Zat50SSPS
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
At TA = –40°C to +85°C, SNSVDD = VREF = +1.2V to +3.6V, I/OVDD = +1.2V to +3.6V, fADC = fOSC/2,
High-Speed mode (fSCL = 3.4MHz), 12-bit mode, and non-continuous AUX measurement, unless otherwise noted.
CHANGE IN OFFSET
CHANGE IN GAIN
vs TEMPERATURE
vs TEMPERATURE
Figure 3.
Figure 4.
SNSVDD SUPPLY CURRENT
SNSVDD SUPPLY CURRENT
vs TEMPERATURE
vs SNSVDD SUPPLY VOLTAGE
Figure 5.
Figure 6.
SNSVDD SUPPLY CURRENT
vs SNSVDD SUPPLY VOLTAGE
(1)
See Table 1
(2)
See Figure 26
Figure 7.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com