Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2004 Datasheet(PDF) 12 Page - Texas Instruments

Part # TSC2004
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TSC2004 Datasheet HTML 8Page - Texas Instruments TSC2004 Datasheet HTML 9Page - Texas Instruments TSC2004 Datasheet HTML 10Page - Texas Instruments TSC2004 Datasheet HTML 11Page - Texas Instruments TSC2004 Datasheet HTML 12Page - Texas Instruments TSC2004 Datasheet HTML 13Page - Texas Instruments TSC2004 Datasheet HTML 14Page - Texas Instruments TSC2004 Datasheet HTML 15Page - Texas Instruments TSC2004 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
www.ti.com
-40
-20
0
20
40
60
80
100
Temperature( C)
°
4.20
4.15
4.10
4.05
4.00
3.95
SNSVDD=I/OVDD=V
=3.0V
REF
-40
-20
0
20
40
60
80
100
Temperature( C)
°
3.90
3.85
3.80
3.75
3.70
SNSVDD=I/OVDD=V
=1.6V
REF
-40
-20
0
20
40
60
80
100
Temperature( C)
°
3.50
3.40
3.30
3.20
3.10
3.00
2.90
SNSVDD=I/OVDD=V
=1.2V
REF
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD(V)
4.20
4.10
4.00
3.90
3.80
3.70
3.60
3.50
3.40
3.30
3.20
SNSVDD=I/OVDD=V
REF
T =+25 C
°
A
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
TYPICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, SNSVDD = VREF = +1.2V to +3.6V, I/OVDD = +1.2V to +3.6V, fADC = fOSC/2,
High-Speed mode (fSCL = 3.4MHz), 12-bit mode, and non-continuous AUX measurement, unless otherwise noted.
INTERNAL OSCILLATOR CLOCK FREQUENCY
INTERNAL OSCILLATOR CLOCK FREQUENCY
vs TEMPERATURE
vs TEMPERATURE
Figure 20.
Figure 21.
INTERNAL OSCILLATOR CLOCK FREQUENCY
INTERNAL OSCILLATOR CLOCK FREQUENCY
vs TEMPERATURE
vs SNSVDD SUPPLY VOLTAGE
Figure 22.
Figure 23.
12
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com