Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2004 Datasheet(PDF) 46 Page - Texas Instruments

Part # TSC2004
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TSC2004 Datasheet HTML 42Page - Texas Instruments TSC2004 Datasheet HTML 43Page - Texas Instruments TSC2004 Datasheet HTML 44Page - Texas Instruments TSC2004 Datasheet HTML 45Page - Texas Instruments TSC2004 Datasheet HTML 46Page - Texas Instruments TSC2004 Datasheet HTML 47Page - Texas Instruments TSC2004 Datasheet HTML 48Page - Texas Instruments TSC2004 Datasheet HTML 49Page - Texas Instruments TSC2004 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
www.ti.com
t
COORDINATE
+
OH2
f
OSC
) tPRE)tSNS)
OH
DLY2
f
OSC
)N @ (B)2) @
f
OSC
f
ADC
)OHCONV @
1
f
OSC
)
L
PPRO
f
OSC
(9)
NOTE:(1)Optional.Ifnotturnedon,itwillbeturnedonbytheScanmode,oncedetected.
Detecting
Touch
PINTDAV Programmed:
As
,
CFR2,D[15:14]=10
PENIRQ
As
,
CFR2,D[15:14]=11or01
DAV
As
and
,
CFR2D[15:14]=00
PENIRQ
DAV
Programmed
for
Host-Controlled
Mode
(PSM=0)
TSC
Not
Addressed
Z
Scan
Mode
Reading
Z -Data
Register
1
WaitingforHosttoWrite
IntoControlByte1D[6:3]
TouchisDetected
Reading
Z -Data
Register
2
TSC
NotAddressed
TSC
NotAddressed
Detecting
Touch
WaitingforHosttoWrite
IntoControlByte1D[6:3]
TouchisDetected
t
COORDINATE
TurnOn
Y+
and
X
Drivers
-
(1)
Programmedfor:
Sample,Conversion,
andPreprocessing
forZ Coordinate
1
Sample,Conversion,
andPreprocessing
forZ Coordinate
2
t
COORDINATE
+
OH2
f
OSC
) tPVS)tPRE)tSNS)
OH
DLY1
f
OSC
)N @ (B)2) @
f
OSC
f
ADC
)OHCONV @
1
f
OSC
)
L
PPRO
f
OSC
(10)
Detecting
Touch
PINTDAV Programmed:
As
,
CFR2,D[15:14]=10
PENIRQ
As
,
CFR2,D[15:14]=11or01
DAV
As
and
,
CFR2D[15:14]=00
PENIRQ
DAV
Programmedfor
Host-Controlled
Mode
(PSM=0)
TSC
NotAddressed
P ogra
r
mm d
for
Z -Z
ScanMode
e
1
2
Reading
Z -Data
Register
1
WaitingforHosttoWrite
IntoControlByte1D[6:3]
Sample,Conversion,and
PreprocessingforZ ,Z Coordinates
1
2
TouchisStillHere
Reading
Z -Data
Register
2
TSC
NotAddressed
TSC
NotAddressed
Detecting
Touch
WaitingforHosttoWrite
IntoControlByte1D[6:3]
TouchisDetected
t
COORDINATE
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
The time needed to convert any Z1 and Z2 coordinate under host control (not including the time needed to send
the command over the I2C bus) is given by:
Figure 43. Example of Z1 and Z2 Coordinate Touch Screen Scan
(without Panel Stabilization Time) using TSMode 3
If the drivers are not turned on before the touch screen scan mode is programmed, the panel stabilization time
should be included. In this case, the time needed to convert any single X or Y under host control (not including
the time needed to send the command over the I2C bus) is given by:
Figure 44. Example of a Z1 and Z2 Coordinate Touch Screen Scan
(with Panel Stabilization Time) using TSMode 3
46
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com