Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2004 Datasheet(PDF) 28 Page - Texas Instruments

Part # TSC2004
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TSC2004 Datasheet HTML 24Page - Texas Instruments TSC2004 Datasheet HTML 25Page - Texas Instruments TSC2004 Datasheet HTML 26Page - Texas Instruments TSC2004 Datasheet HTML 27Page - Texas Instruments TSC2004 Datasheet HTML 28Page - Texas Instruments TSC2004 Datasheet HTML 29Page - Texas Instruments TSC2004 Datasheet HTML 30Page - Texas Instruments TSC2004 Datasheet HTML 31Page - Texas Instruments TSC2004 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
www.ti.com
Touch Screen Scan Function for XYZ or XY
Touch Screen Sensor Connection Tests for X-Axis and Y-Axis
Touch Sensor Short-Circuit Test
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
C3-C0 = 0000 or 0001: These scan functions can collaborate with the PSM bit that defines the control mode of
converter functions. If the PSM bit is set to '1', these scan function select commands are recommended to be
issued before a pen touch is detected in order to allow the TSC2004 to initiate and control the scan processes
immediately after the screen is touched. If these functions are not issued before a pen touch is detected, the
TSC2004 waits for the host to write these functions before starting a scan process. If PSM stays as '1' after a
TSC-initiated scan function is complete, the host is not required to write these function select bits again for each
of the following pen touches after the detected touch. In the host-controlled converter function mode (PSM = 0),
the host must send these functions select bits repeatedly for each scan function after a detected pen touch.
Note that the data registers may be updated while a host reading is in progress. Using the sequential read cycle
(see Figure 36) prevents the TSC from updating registers while a host reading is in progress. To ensure that the
XYZ or XY coordinates are correctly read, use the sequential read cycle to read the coordinates after the scan.
Range of resistances of different touch screen panels can be selected by setting the TBM bits in CFR1; see
Table 20. Once the resistance of the sensor panel is selected, two continuity tests are run separately for the
X-axis and Y-axis. The unit under test must pass both connection tests to ensure that a proper connection is
secured.
C3-C0 = 1001: PINTDAV = 0 during this connection test. A '1' shown at end of the test indicates the X-axis
drivers are well-connected to the sensor; otherwise, X-axis drivers are poorly connected. If drivers fail to connect,
then PINTDAV stays low until a stop bit (STS set to '1') is issued.
C3-C0 = 1010: PINTDAV = 0 during this connection test. A '1' shown at end of the test indicates the Y-axis
drivers are well-connected to the sensor; otherwise, Y-axis drivers are poorly connected. If the drivers are fail to
connect, then PINTDAV stays low until a stop bit (STS set to '1') is issued.
If the TBM bits of CFR1 detailed in Table 20 are all set to '1', a short-circuit in the touch sensor can be detected.
C3-C0 = 1011: Reserved.
C3-C0 = 1100: PINTDAV = 0 during this short-circuit test. A '1' shown at end of the test indicates there is no
short-circuit detected (through Y-axis) between the flex and stable layers. If there is a short-circuit detected,
PINTDAV stays low until a stop bit (STS set to '1') is issued.
RM—Resolution select. If RM = 1, the conversion result resolution is 12-bit; otherwise, the resolution is 10-bit.
This bit is the same RM bit shown in CFR0.
SWRST—Software reset input. All register values are set to default value if a '1' is written to this bit. This bit is
automatically set to '0' in order to cancel the software reset and resume normal operation.
STS—Stop bit for all converter functions. When writing a '1' to this register, this bit aborts the converter function
currently running in the TSC2004. A '0' is automatically written to this register in order to end the stop bit. This bit
can only stop converter functions; it does not reset any data, status, or configuration registers. This bit is the
same STS bit shown in CFR0, but can only be read through the CFR0 register with different interpretations.
Table 8. STS Bit Operation
OPERATION
VALUE
DESCRIPTION
Write
0
Normal operation
Write
1
Stop converter functions and power down
28
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com