Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2004 Datasheet(PDF) 11 Page - Texas Instruments

Part # TSC2004
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSC2004 Datasheet HTML 7Page - Texas Instruments TSC2004 Datasheet HTML 8Page - Texas Instruments TSC2004 Datasheet HTML 9Page - Texas Instruments TSC2004 Datasheet HTML 10Page - Texas Instruments TSC2004 Datasheet HTML 11Page - Texas Instruments TSC2004 Datasheet HTML 12Page - Texas Instruments TSC2004 Datasheet HTML 13Page - Texas Instruments TSC2004 Datasheet HTML 14Page - Texas Instruments TSC2004 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
www.ti.com
Temperature( C)
°
-40
-20
7
6
5
4
3
2
1
0
20
40
60
80
100
X+
X-
Y+
Y-
X+,Y+:SNSVDD=3VtoPin
X ,Y :PintoGND
-
-
Temperature( C)
°
-40
-20
9
8
7
6
5
4
3
2
0
20
40
60
80
100
X+
X-
Y+
Y-
X+,Y+:SNSVDD=1.8VtoPin
X ,Y :PintoGND
-
-
Temperature( C)
°
-40
-20
850
800
750
700
650
600
550
500
450
400
0
20
40
60
80
100
95.3mV
138.2mV
TEMP2
TEMP1
I/OVDD=SNSVDD=3V
V
=2.5V
REF
MeasurementIncludes
A/DConverterOffset
andGainErrors
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD(V)
11
10
9
8
7
6
5
4
3
X+,Y+:SNSVDDtoPin
X ,Y :PintoGND
-
-
T =+25 C
°
A
X+
Y+
Y-
X-
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD(V)
590
588
586
584
582
580
578
SNSVDD=IOVDD=V
REF
T
A =+25°C
MeasurementIncludes
A/DConverterOffset
andGainErrors
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD(V)
706
704
702
700
698
696
694
SNSVDD=IOVDD=V
REF
T
A =+25°C
MeasurementIncludes
A/DConverterOffset
andGainErrors
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
TYPICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, SNSVDD = VREF = +1.2V to +3.6V, I/OVDD = +1.2V to +3.6V, fADC = fOSC/2,
High-Speed mode (fSCL = 3.4MHz), 12-bit mode, and non-continuous AUX measurement, unless otherwise noted.
SWITCH ON-RESISTANCE
SWITCH ON-RESISTANCE
vs TEMPERATURE
vs TEMPERATURE
Figure 14.
Figure 15.
SWITCH ON-RESISTANCE
TEMP DIODE VOLTAGE
vs SNSVDD SUPPLY VOLTAGE
vs TEMPERATURE
Figure 16.
Figure 17.
TEMP1 DIODE VOLTAGE
TEMP2 DIODE VOLTAGE
vs SNSVDD SUPPLY VOLTAGE
vs SNSVDD SUPPLY VOLTAGE
Figure 18.
Figure 19.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com