Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2004 Datasheet(PDF) 8 Page - Texas Instruments

Part # TSC2004
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TSC2004 Datasheet HTML 4Page - Texas Instruments TSC2004 Datasheet HTML 5Page - Texas Instruments TSC2004 Datasheet HTML 6Page - Texas Instruments TSC2004 Datasheet HTML 7Page - Texas Instruments TSC2004 Datasheet HTML 8Page - Texas Instruments TSC2004 Datasheet HTML 9Page - Texas Instruments TSC2004 Datasheet HTML 10Page - Texas Instruments TSC2004 Datasheet HTML 11Page - Texas Instruments TSC2004 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
www.ti.com
TIMING REQUIREMENTS for Figure 2: I
2C High-Speed Mode (f
SCL = 1.7MHz)
(1)
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
All specifications typical at –40
°C to +85°C, SNSVDD = I/OVDD = +1.2V to +3.6V, unless otherwise noted.
2-WIRE HIGH-SPEED MODE PARAMETERS
TEST CONDITIONS
MIN
MAX
UNIT
SNSVDD
≥ 1.6V
10
µs
Reset low time(2)
tWL(RESET)
1.2V
≤ SNSVDD < 1.6V
13
µs
SCL clock frequency
fSCL
1.7
MHz
Hold time (repeated) START condition
tHD, STA
160
ns
Low period of SCL clock
tLOW
320
ns
High period of the SCL clock
tHIGH
120
ns
Setup time for a repeated START condition
tSU, STA
160
ns
Data hold time
tHD, DAT
0
150
ns
Data setup time
tSU, DAT
10
ns
Rise time of SCL signal
tRCL
Cb = total bus capacitance
20
80
ns
Rise time of SDA signal
tRDA
Cb = total bus capacitance
20
160
ns
Fall time of SCL signal
tFCL
Cb = total bus capacitance
20
80
ns
Fall time of SDA signal
tFDA
Cb = total bus capacitance
20
160
ns
Rise time of SCL signal after a repeated START
tRCL1
Cb = total bus capacitance
20
160
ns
condition and after an acknowledge bit
Setup time for STOP condition
tSU, STO
160
ns
Capacitive load for each bus line
Cb
Cb = total capacitance of one bus line in pF
400
pF
Pulse width of spike suppressed
tSP
0
10
ns
(1)
All input signals are specified with tR = tF = 5ns (30% to 70% of VDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
Refer to Figure 38.
TIMING REQUIREMENTS for Figure 2: I
2C High-Speed Mode (f
SCL = 3.4MHz)
(1)
All specifications typical at –40
°C to +85°C, SNSVDD = I/OVDD = +1.2V(2) to +3.6V, unless otherwise noted.
2-WIRE HIGH-SPEED MODE PARAMETERS
TEST CONDITIONS
MIN
MAX
UNIT
SNSVDD
≥ 1.6V
10
µs
Reset low time(3)
tWL(RESET)
1.2V
≤ SNSVDD < 1.6V
13
µs
SCL clock frequency
fSCL
3.4
MHz
Hold time (repeated) START condition
tHD, STA
160
ns
Low period of SCL clock
tLOW
160
ns
High period of the SCL clock
tHIGH
60
ns
Setup time for a repeated START condition
tSU, STA
160
ns
Data hold time
tHD, DAT
0
70
ns
Data setup time
tSU, DAT
10
ns
Rise time of SCL signal
tRCL
Cb = total bus capacitance
10
40
ns
Rise time of SDA signal
tRDA
Cb = total bus capacitance
10
80
ns
Fall time of SCL signal
tFCL
Cb = total bus capacitance
10
40
ns
Fall time of SDA signal
tFDA
Cb = total bus capacitance
10
80
ns
Rise time of SCL signal after a repeated START
tRCL1
Cb = total bus capacitance
10
80
ns
condition and after an acknowledge bit
Setup time for STOP condition
tSU, STO
160
ns
Capacitive load for each bus line
Cb
Cb = total capacitance of one bus line in pF
100
pF
Pulse width of spike suppressed
tSP
0
10
ns
(1)
All input signals are specified with tR = tF = 5ns (30% to 70% of I/OVDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
Because of the low supply voltage of 1.2V and the wide temperature range of –40
°C to +85°C, the I2C system devices may not reach
the maximum specification of I2C High-Speed mode, and fSCL may not reach 3.4Mhz.
(3)
Refer to Figure 38.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com