Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2004 Datasheet(PDF) 1 Page - Texas Instruments

Part # TSC2004
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004 Datasheet(HTML) 1 Page - Texas Instruments

  TSC2004 Datasheet HTML 1Page - Texas Instruments TSC2004 Datasheet HTML 2Page - Texas Instruments TSC2004 Datasheet HTML 3Page - Texas Instruments TSC2004 Datasheet HTML 4Page - Texas Instruments TSC2004 Datasheet HTML 5Page - Texas Instruments TSC2004 Datasheet HTML 6Page - Texas Instruments TSC2004 Datasheet HTML 7Page - Texas Instruments TSC2004 Datasheet HTML 8Page - Texas Instruments TSC2004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
TSC2004
®
BurrBrown Products
from Texas Instruments
1
FEATURES
APPLICATIONS
DESCRIPTION
PINTDAV
I C
2
Serial
Interface
and
Control
SDA
AD0
RESET
VREF
X+
X
-
Y+
Y
-
AUX
TEMP
Mux
PENIRQ
DAV
SAR
ADC
Internal
Clock
Touch
Screen
Drivers
Interface
SCL
AD1
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
TOUCH SCREEN CONTROLLER with I2C™ Interface
• Cellular Phones
23
• 4-Wire Touch Screen Interface
• Portable Instruments
• Ratiometric Conversion
• MP3 Players, Pagers
• Single 1.2V to 3.6V Supply
• Multiscreen Touch Control
• Preprocessing to Reduce Bus Activity
• High-Speed I2C-Compatible Interface
• Internal Detection of Screen Touch
The TSC2004 is a very low-power touch screen
• Register-Based Programmable:
controller designed to work with power-sensitive,
–
10-Bit or 12-Bit Resolution
handheld applications that are based on advanced
low-voltage processors. It works with a supply voltage
–
Sampling Rates
as low as 1.2V, which can be supplied by a
–
System Timing
single-cell
battery.
It
contains
a
complete,
• On-Chip Temperature Measurement
ultralow-power, 12-bit, analog-to-digital (A/D) resistive
touch screen converter, including drivers and the
• Touch Pressure Measurement
control logic to measure touch pressure.
• Auto Power-Down Control
In addition to these standard features, the TSC2004
• Low Power:
offers
preprocessing
of
the
touch
screen
–
760
µW at 1.8V, 50SSPS
measurements to reduce bus loading, thus reducing
–
580
µW at 1.6V, 50SSPS
the consumption of host processor resources that can
then be redirected to more critical functions.
–
285
µW at 1.2V, 50SSPS
–
74
µW at 1.6V, 8.2kSPS Eq. Rate
The TSC2004 supports an I2C serial bus and data
transmission protocol in all three defined modes:
–
47
µW at 1.2V, 8.2kSPS Eq. Rate
standard,
fast,
and
high-speed.
It
offers
• Enhanced ESD Protection:
programmable
resolution
of
10
or
12
bits
to
–
±8kV HBM
accommodate different screen sizes and performance
needs.
–
±1kV CDM
–
±25kV Air Gap Discharge
The TSC2004 is available in a miniature, 18-lead,
5 x 5 array, (2.554 ±0.54)mm x (2.554 ±0.54)mm
–
±12kV Contact Discharge
wafer chip-scale package (WCSP), and a 20-pin, 4 x
• 2.5 x 2.5 WCSP-18 and 4 x 4 QFN-20 Packages
4 QFN package. Both packages are characterized for
U.S. Patent No. 6,246,394; other patents pending.
the –40
°C to +85°C industrial temperature range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NXP Semiconductors.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSC2004

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 58P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
TSC2004I BURR-BROWN-TSC2004I Datasheet
1Mb / 58P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
TSC2004IRTJR BURR-BROWN-TSC2004IRTJR Datasheet
1Mb / 54P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2004IRTJR BURR-BROWN-TSC2004IRTJR Datasheet
1Mb / 58P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
More results

Similar Description - TSC2004

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com