Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2004 Datasheet(PDF) 10 Page - Texas Instruments

Part # TSC2004
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSC2004 Datasheet HTML 6Page - Texas Instruments TSC2004 Datasheet HTML 7Page - Texas Instruments TSC2004 Datasheet HTML 8Page - Texas Instruments TSC2004 Datasheet HTML 9Page - Texas Instruments TSC2004 Datasheet HTML 10Page - Texas Instruments TSC2004 Datasheet HTML 11Page - Texas Instruments TSC2004 Datasheet HTML 12Page - Texas Instruments TSC2004 Datasheet HTML 13Page - Texas Instruments TSC2004 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
www.ti.com
-40
-20
0
20
40
60
80
100
Temperature(°C)
1000
800
600
400
200
0
SNSVDD=1.6V
SNSVDD=3.6V
SNSVDD=3.0V
SNSVDD=I/OVDD=V
REF
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD(V)
60
45
30
15
0
SNSVDD=I/OVDD=V
REF
T =+25 C
°
A
-
40
-
20
0
20
40
60
80
100
Temperature( C)
°
25
20
15
10
5
0
I/OVDD=SNSVDD=V
REF
I/OVDD=1.6V
I/OVDD=1.2V
1.2
1.6
2.0
2.4
2.8
3.2
3.6
I/OVDD(V)
80
70
60
50
40
30
20
10
0
I/OVDD=SNSVDD=V
REF
T =+25 C
A
°
f
=2MHz
ADC
f
=1MHz
ADC
-40
-20
0
20
40
60
80
100
Temperature(°C)
2.0
1.5
1.0
0.5
0
SNSVDD=I/OVDD=V
REF
SNSVDD=1.2V
SNSVDD=1.6V
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD(V)
4.0
3.0
2.0
1.0
0
SNSVDD=I/OVDD=V
REF
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
TYPICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, SNSVDD = VREF = +1.2V to +3.6V, I/OVDD = +1.2V to +3.6V, fADC = fOSC/2,
High-Speed mode (fSCL = 3.4MHz), 12-bit mode, and non-continuous AUX measurement, unless otherwise noted.
POWER-DOWN SUPPLY CURRENT
POWER-DOWN SUPPLY CURRENT
vs TEMPERATURE
vs SNSVDD SUPPLY VOLTAGE
Figure 8.
Figure 9.
I/OVDD SUPPLY CURRENT
I/OVDD SUPPLY CURRENT
vs TEMPERATURE
vs I/OVDD SUPPLY VOLTAGE
Figure 10.
Figure 11.
REFERENCE INPUT CURRENT
REFERENCE INPUT CURRENT
vs TEMPERATURE
vs SNSVDD SUPPLY VOLTAGE
Figure 12.
Figure 13.
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com