Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMA1023PZ Datasheet (PDF) - ON Semiconductor

FDMA1023PZ Datasheet PDF - ON Semiconductor
Part # FDMA1023PZ
Download  FDMA1023PZ Download
File Size   484.39 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual P-Channel PowerTrench® MOSFET –20V, –3.7A, 72mΩ

FDMA1023PZ Datasheet (PDF)

Go To PDF Page Download Datasheet
FDMA1023PZ Datasheet PDF - ON Semiconductor

Part # FDMA1023PZ
Download  FDMA1023PZ Click to download

File Size   484.39 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual P-Channel PowerTrench® MOSFET –20V, –3.7A, 72mΩ

FDMA1023PZ Datasheet (HTML) - ON Semiconductor


FDMA1023PZ Product details

Features
Max rDS(on) = 72mΩ at VGS = –4.5V, ID = –3.7A
Max rDS(on) = 95mΩ at VGS = –2.5V, ID = –3.2A
Max rDS(on) = 130mΩ at VGS = –1.8V, ID = –2.0A
Max rDS(on) = 195mΩ at VGS = –1.5V, ID = –1.0A
Low profile - 0.8 mm maximum - in the new package MicroFET 2x2 mm
HBM ESD protection level > 2kV typical (Note 3)
RoHS Compliant
Free from halogenated compounds and antimony oxides

General Description
This device is designed specifically as a single package solution for the battery charge switch in cellular handset and other ultra-portable applications. It features two independent P-Channel MOSFETs with low on-state resistance for minimum conduction losses. When connected in the typical common source configuration, bi-directional current flow is possible.
The MicroFET 2X2 package offers exceptional thermal performance for its physical size and is well suited to linear mode applications.




Similar Part No. - FDMA1023PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA1023PZ FAIRCHILD-FDMA1023PZ Datasheet
247Kb / 7P
Dual P-Channel PowerTrench MOSFET -20V, -3.7A, 72mohm
FDMA1023PZ FAIRCHILD-FDMA1023PZ Datasheet
473Kb / 7P
Dual P-Channel PowerTrench짰 MOSFET
FDMA1023PZ FAIRCHILD-FDMA1023PZ_08 Datasheet
473Kb / 7P
Dual P-Channel PowerTrench짰 MOSFET
More results


Similar Description - FDMA1023PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP6021P FAIRCHILD-FDP6021P Datasheet
80Kb / 5P
20V P-Channel 1.8V Specified PowerTrench MOSFET
FDW262P FAIRCHILD-FDW262P Datasheet
87Kb / 5P
20V P-Channel PowerTrench MOSFET
SI6433DQ FAIRCHILD-SI6433DQ Datasheet
137Kb / 5P
20V P-Channel PowerTrench MOSFET
SI6953DQ FAIRCHILD-SI6953DQ Datasheet
109Kb / 5P
Dual 20V P-Channel PowerTrench MOSFET
FDG6317NZ FAIRCHILD-FDG6317NZ Datasheet
138Kb / 5P
Dual 20v N-Channel PowerTrench MOSFET
FDR8702H FAIRCHILD-FDR8702H Datasheet
200Kb / 8P
20V N & P-Channel PowerTrench MOSFET
FDMA1023PZ FAIRCHILD-FDMA1023PZ Datasheet
247Kb / 7P
Dual P-Channel PowerTrench MOSFET -20V, -3.7A, 72mohm
FDMA1025P FAIRCHILD-FDMA1025P Datasheet
377Kb / 6P
Dual P-Channel PowerTrench MOSFET -20V, -3.1A, 105mohm
NDS9947 FAIRCHILD-NDS9947_02 Datasheet
141Kb / 5P
Dual 20V P-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDR8702H KEXIN-KDR8702H Datasheet
78Kb / 3P
20V N & P-Channel PowerTrench MOSFET
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com