Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMA1023PZ Datasheet(PDF) 1 Page - ON Semiconductor

Part # FDMA1023PZ
Description  Dual P-Channel PowerTrench® MOSFET –20V, –3.7A, 72mΩ
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMA1023PZ Datasheet(HTML) 1 Page - ON Semiconductor

  FDMA1023PZ Datasheet HTML 1Page - ON Semiconductor FDMA1023PZ Datasheet HTML 2Page - ON Semiconductor FDMA1023PZ Datasheet HTML 3Page - ON Semiconductor FDMA1023PZ Datasheet HTML 4Page - ON Semiconductor FDMA1023PZ Datasheet HTML 5Page - ON Semiconductor FDMA1023PZ Datasheet HTML 6Page - ON Semiconductor FDMA1023PZ Datasheet HTML 7Page - ON Semiconductor FDMA1023PZ Datasheet HTML 8Page - ON Semiconductor FDMA1023PZ Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
To learn more about ON Semiconductor, please visit our website at
www.onsemi.com
Is Now Part of
ON Semiconductor and the ON Semiconductor logo are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries. ON Semiconductor owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent-Marking.pdf. ON Semiconductor reserves the right
to make changes without further notice to any products herein. ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. Buyer is responsible for its products and applications using ON
Semiconductor products, including compliance with all laws, regulations and safety requirements or standards, regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON
Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s
technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not designed, intended, or authorized for use as a critical component in life support systems or any FDA
Class 3 medical devices or medical devices with a same or similar classification in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended
or unauthorized application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out
of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor
is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.


Similar Part No. - FDMA1023PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA1023PZ FAIRCHILD-FDMA1023PZ Datasheet
247Kb / 7P
Dual P-Channel PowerTrench MOSFET -20V, -3.7A, 72mohm
FDMA1023PZ FAIRCHILD-FDMA1023PZ Datasheet
473Kb / 7P
Dual P-Channel PowerTrench짰 MOSFET
FDMA1023PZ FAIRCHILD-FDMA1023PZ_08 Datasheet
473Kb / 7P
Dual P-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDMA1023PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP6021P FAIRCHILD-FDP6021P Datasheet
80Kb / 5P
20V P-Channel 1.8V Specified PowerTrench MOSFET
FDW262P FAIRCHILD-FDW262P Datasheet
87Kb / 5P
20V P-Channel PowerTrench MOSFET
SI6433DQ FAIRCHILD-SI6433DQ Datasheet
137Kb / 5P
20V P-Channel PowerTrench MOSFET
SI6953DQ FAIRCHILD-SI6953DQ Datasheet
109Kb / 5P
Dual 20V P-Channel PowerTrench MOSFET
FDG6317NZ FAIRCHILD-FDG6317NZ Datasheet
138Kb / 5P
Dual 20v N-Channel PowerTrench MOSFET
FDR8702H FAIRCHILD-FDR8702H Datasheet
200Kb / 8P
20V N & P-Channel PowerTrench MOSFET
FDMA1023PZ FAIRCHILD-FDMA1023PZ Datasheet
247Kb / 7P
Dual P-Channel PowerTrench MOSFET -20V, -3.7A, 72mohm
FDMA1025P FAIRCHILD-FDMA1025P Datasheet
377Kb / 6P
Dual P-Channel PowerTrench MOSFET -20V, -3.1A, 105mohm
NDS9947 FAIRCHILD-NDS9947_02 Datasheet
141Kb / 5P
Dual 20V P-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDR8702H KEXIN-KDR8702H Datasheet
78Kb / 3P
20V N & P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com