Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMA1023PZ Datasheet(PDF) 4 Page - ON Semiconductor

Part # FDMA1023PZ
Description  Dual P-Channel PowerTrench® MOSFET –20V, –3.7A, 72mΩ
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMA1023PZ Datasheet(HTML) 4 Page - ON Semiconductor

  FDMA1023PZ Datasheet HTML 1Page - ON Semiconductor FDMA1023PZ Datasheet HTML 2Page - ON Semiconductor FDMA1023PZ Datasheet HTML 3Page - ON Semiconductor FDMA1023PZ Datasheet HTML 4Page - ON Semiconductor FDMA1023PZ Datasheet HTML 5Page - ON Semiconductor FDMA1023PZ Datasheet HTML 6Page - ON Semiconductor FDMA1023PZ Datasheet HTML 7Page - ON Semiconductor FDMA1023PZ Datasheet HTML 8Page - ON Semiconductor FDMA1023PZ Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FDMA1023PZ Rev.C4
www.fairchildsemi.com
3
Notes:
1: R JA is determined with the device mounted on a 1 in
2 oz. copper pad on a 1.5 x 1.5 in. board of FR-4 material. R
JCis guaranteed by design while R JA is determined by the
user's board design.
(a) R JA = 86°C/W when mounted on a 1in
2 pad of 2 oz copper, 1.5" x 1.5" x 0.062" thick PCB. For single operation.
(b) R JA = 173°C/W when mounted on a minimum pad of 2 oz copper. For single operation.
(c) R JA = 69
oC/W when mounted on a 1in2 pad of 2 oz copper, 1.5” x 1.5” x 0.062” thick PCB, For dual operation.
(d) R JA = 151
oC/W when mounted on a minimum pad of 2 oz copper. For dual operation.
2: Pulse Test : Pulse Width < 300us, Duty Cycle < 2.0%
3: The diode connected between the gate and source serves only as protection against ESD. No gate overvoltage rating is implied.
a) 86oC/W when
mounted on a
1 in2 pad of 2
oz copper.
b) 173oC/W when
mounted on a
minimum pad of
2 oz copper.
c) 69oC/W when
mounted on a
1 in2 pad of 2
oz copper.
d) 151oC/W when
mounted on a
minimum pad of
2 oz copper.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com