Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMA1023PZ Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMA1023PZ
Description  Dual P-Channel PowerTrench® MOSFET –20V, –3.7A, 72mΩ
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMA1023PZ Datasheet(HTML) 2 Page - ON Semiconductor

  FDMA1023PZ Datasheet HTML 1Page - ON Semiconductor FDMA1023PZ Datasheet HTML 2Page - ON Semiconductor FDMA1023PZ Datasheet HTML 3Page - ON Semiconductor FDMA1023PZ Datasheet HTML 4Page - ON Semiconductor FDMA1023PZ Datasheet HTML 5Page - ON Semiconductor FDMA1023PZ Datasheet HTML 6Page - ON Semiconductor FDMA1023PZ Datasheet HTML 7Page - ON Semiconductor FDMA1023PZ Datasheet HTML 8Page - ON Semiconductor FDMA1023PZ Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©2009 Fairchild Semiconductor Corporation
FDMA1023PZ Rev.C4
www.fairchildsemi.com
1
FDMA1023PZ
Dual P-Channel PowerTrench® MOSFET
–20V, –3.7A, 72m
Features
Max rDS(on) = 72m at VGS = –4.5V, ID = –3.7A
Max rDS(on) = 95m at VGS = –2.5V, ID = –3.2A
Max rDS(on) = 130m at VGS = –1.8V, ID = –2.0A
Max rDS(on) = 195m at VGS = –1.5V, ID = –1.0A
Low profile - 0.8 mm maximum - in the new package
MicroFET 2x2 mm
HBM ESD protection level > 2kV typical (Note 3)
RoHS Compliant
General Description
This device is designed specifically as a single package
solution for the battery charge switch in cellular handset
and other ultra-portable applications. It features two independent
P-Channel MOSFETs with low on-state resistance for minimum
conduction losses. When connected in the typical common
source configuration, bi-directional current flow is possible.
The
MicroFET
2X2
package
offers
exceptional
thermal
performance for its physical size and is well suited to linear mode
applications.
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
–20
V
VGS
Gate to Source Voltage
±8
V
ID
Drain Current -Continuous
(Note 1a)
–3.7
A
-Pulsed
–6
PD
Power Dissipation
(Note 1a)
(Note 1b)
1.5
W
0.7
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
R JA
Thermal Resistance for Single Operation, Junction to Ambient
(Note 1a)
86
°C/W
R JA
Thermal Resistance for Single Operation, Junction to Ambient
(Note 1b)
173
R JA
Thermal Resistance for Dual Operation, Junction to Ambient
(Note 1c)
69
R JA
Thermal Resistance for Dual Operation, Junction to Ambient
(Note 1d)
151
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
023
FDMA1023PZ
MicroFET 2X2
7”
8mm
3000 units
MicroFET 2X2
Pin 1
S1
G1
D2
D1
G2
S2
1
3
2
4
5
6
S1
G1
D2
D1
G2
S2
D1
D2
Free from halogenated compounds and antimony
oxides
July 2014



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com