Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMA1023PZ Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDMA1023PZ
Description  Dual P-Channel PowerTrench® MOSFET –20V, –3.7A, 72mΩ
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMA1023PZ Datasheet(HTML) 3 Page - ON Semiconductor

  FDMA1023PZ Datasheet HTML 1Page - ON Semiconductor FDMA1023PZ Datasheet HTML 2Page - ON Semiconductor FDMA1023PZ Datasheet HTML 3Page - ON Semiconductor FDMA1023PZ Datasheet HTML 4Page - ON Semiconductor FDMA1023PZ Datasheet HTML 5Page - ON Semiconductor FDMA1023PZ Datasheet HTML 6Page - ON Semiconductor FDMA1023PZ Datasheet HTML 7Page - ON Semiconductor FDMA1023PZ Datasheet HTML 8Page - ON Semiconductor FDMA1023PZ Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FDMA1023PZ Rev.C4
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = –250 A, VGS = 0V
–20
V
BVDSS
TJ
Breakdown Voltage Temperature
Coefficient
ID = –250 A, referenced to 25°C
–11
mV
/°C
IDSS
Zero Gate Voltage Drain Current
VDS = –16V, VGS = 0V
–1
A
IGSS
Gate to Source Leakage Current
VGS = ±8V, VDS = 0V
±10
A
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = –250 A
–0.4
–0.7
–1.0
V
VGS(th)
TJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = –250 A, referenced to 25°C
2.5
mV/°C
rDS(on)
Static Drain to Source On-Resistance
VGS = –4.5V, ID = –3.7A
60
72
m
VGS = –2.5V, ID = –3.2A
75
95
VGS = –1.8V, ID = –2.0A
100
130
VGS = –1.5V, ID = –1.0A
130
195
VGS = –4.5V, ID = –3.7A,TJ =125°C
81
91
gFS
Forward Transconductance
VDS = –5V, ID = –3.7A
12
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = –10V, VGS = 0V,
f = 1MHz
490
655
pF
Coss
Output Capacitance
100
135
pF
Crss
Reverse Transfer Capacitance
90
135
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = –10V, ID = –1A
VGS = –4.5V, RGEN = 6
918
ns
tr
Rise Time
12
22
ns
td(off)
Turn-Off Delay Time
64
103
ns
tf
Fall Time
37
60
ns
Qg(TOT)
Total Gate Charge
VDD = –10V, ID = –3.7A
VGS = –4.5V
8.6
12
nC
Qgs
Gate to Source Gate Charge
0.7
nC
Qgd
Gate to Drain “Miller” Charge
2.0
nC
Drain-Source Diode Characteristics
IS
Maximum Continuous Source-Drain Diode Forward Current
–1.1
A
VSD
Source to Drain Diode Forward Voltage
VGS = 0V, IS = –1.1A
(Note 2)
–0.8
–1.2
V
trr
Reverse Recovery Time
IF = –3.7A, di/dt = 100A/ s
32
48
ns
Qrr
Reverse Recovery Charge
15
23
nC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com