Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTM150 Datasheet (PDF) - OSRAM GmbH

HTM150 Datasheet PDF - OSRAM GmbH
Part # HTM150
Download  HTM150 Download
File Size   262.19 Kbytes
Page   5 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description HALOTRONIC-COMPACT – HTM, HTN | Electronic transformers for low-voltage halogen lamps

HTM150 Datasheet (PDF)

Go To PDF Page Download Datasheet
HTM150 Datasheet PDF - OSRAM GmbH

Part # HTM150
Download  HTM150 Click to download

File Size   262.19 Kbytes
Page   5 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description HALOTRONIC-COMPACT – HTM, HTN | Electronic transformers for low-voltage halogen lamps

HTM150 Datasheet (HTML) - OSRAM GmbH


HTM150 Product details

Product features
Line frequency: 50…60 Hz
RI suppression: to EN 55015 (A1: 2007)/CISPR 15, EN 55022
Line harmonics according to EN 61000-3-2
Immunity according to EN 61547
Safety: to EN 61347
Short-circuit protection, overload protection, overtemperature protection: electronically reversible
Electrical isolation between the primary side and the secondary side
Switching between electronic transformer and lamp not permitted
Energy efficiency: ≥ 91 % (according to ErP regulation 2012/1194/EC)




Similar Part No. - HTM150

ManufacturerPart #DatasheetDescription
logo
Humirel
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
More results


Similar Description - HTM150

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLB0587 SIEMENS-SLB0587 Datasheet
865Kb / 22P
Dimmer IC for Halogen Lamps
SLB587 SIEMENS-SLB587 Datasheet
391Kb / 22P
DIMMER IC FOR HALOGEN LAMPS
logo
OSRAM GmbH
54466 OSRAM-54466 Datasheet
116Kb / 2P
Product Information Bulletin Medical Overhead Halogen Lamps Tungsten Halogen Low to Medium Voltage Lamps
FO106 OSRAM-FO106 Datasheet
122Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
FO125 OSRAM-FO125 Datasheet
40Kb / 2P
Product Information Bulletin Microscope LV Lamps Low Voltage Tungsten Halogen Lamps (Microscope)
FO153 OSRAM-FO153 Datasheet
120Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
FO171 OSRAM-FO171 Datasheet
105Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
logo
Gilway Technical Lamp
L1050-C GILWAY-L1050-C Datasheet
118Kb / 1P
Lens-End Halogen Lamps , Clear-End Halogen Lamps
logo
alpha microelectronics ...
A1780 ALPHA-MICRO-A1780 Datasheet
171Kb / 2P
dimmer IC for halogen lamps
logo
Gunter Seniconductor Gm...
TFA3352 GSG-TFA3352 Datasheet
161Kb / 15P
Control- and Monitoring-IC for Electronic Transformers operating Low-Voltage Halogen Lamps
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com