Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTM150 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # HTM150
Description  HALOTRONIC-COMPACT – HTM, HTN | Electronic transformers for low-voltage halogen lamps
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HTM150 Datasheet(HTML) 2 Page - OSRAM GmbH

  HTM150 Datasheet HTML 1Page - OSRAM GmbH HTM150 Datasheet HTML 2Page - OSRAM GmbH HTM150 Datasheet HTML 3Page - OSRAM GmbH HTM150 Datasheet HTML 4Page - OSRAM GmbH HTM150 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Electrical data
Lamp wattage
50…150 W
Line current
0.57 A 1)
Nominal voltage
230…240 V
DC voltage
-
Power factor λ
0.99
Operating frequency
40 kHz 2)
Output voltage
11.4 / 11.5 V 3)
Mains frequency
50…60 Hz
System wattage
157.00 W
Galvanic isolation primary/secondary
4.00 kV
Maximum no-load wattage
0.31 W
1) Effectively
2) Approximately
3) 150 W / 50 W
Dimensions & weight
Product line drawing
Length
153.0 mm
Width
54.0 mm
Mounting hole spacing, length
146.0 mm
Height
36.0 mm
Mounting hole spacing, width
15.0 mm
Wire preparation length, input side
12 / 8.0 mm 1)
Wire preparation length, output side
12 / 8.0 mm 1)
Product datasheet
__
August 25, 2014, 14:52:57
© 2014, OSRAM GmbH. All rights reserved.
HTM 150/230…240
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com