Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTM150 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # HTM150
Description  HALOTRONIC-COMPACT – HTM, HTN | Electronic transformers for low-voltage halogen lamps
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HTM150 Datasheet(HTML) 3 Page - OSRAM GmbH

  HTM150 Datasheet HTML 1Page - OSRAM GmbH HTM150 Datasheet HTML 2Page - OSRAM GmbH HTM150 Datasheet HTML 3Page - OSRAM GmbH HTM150 Datasheet HTML 4Page - OSRAM GmbH HTM150 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Product weight
185.00 g
1) Cable sheath / Wire
Temperatures
Ambient temperature range
0…+45 °C
Maximum temperature at tc test point
80 °C
Additional product data
Design / version
Compact with cable clamp
Capabilities
Dimmer
Trailing- or leading-edge phase control for inductive
load dimmers
Overload protection
Automatic reversible
Overheating protection
Automatic reversible
Short-circuit protection
Automatic reversible
Maximum wiring length ECG/lamp
2.0 m
Cable types, input side
NYM 3x1.5 / H05VV-F 3x1.0 / H03VV-F 3x1.5 mm²
Cable types, output side
NYM 3x1.5 / H05VV-F 2x0.75 / H05VV-F 2x1.0 /
H05VV-F 2x1.5 / H03VV-F 2x0.75 / H03VV-F 2x1.5
mm²
Dimmable
Yes
Dimming range
0…100 %
No-load proof
Yes
Suitable for fixtures with prot. class
II
Certificates & standards
Approval marks – approval
VDE / VDE-EMC / E1 approval
Standards
acc. to EN 55015:2006 + A1:2007/acc. to EN 61000-3-
2/acc. to EN 61547/acc. to EN 61047/acc. to IEC
61347
Product datasheet
__
August 25, 2014, 14:52:57
© 2014, OSRAM GmbH. All rights reserved.
HTM 150/230…240
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com