Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTM150 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # HTM150
Description  HALOTRONIC-COMPACT – HTM, HTN | Electronic transformers for low-voltage halogen lamps
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HTM150 Datasheet(HTML) 5 Page - OSRAM GmbH

  HTM150 Datasheet HTML 1Page - OSRAM GmbH HTM150 Datasheet HTML 2Page - OSRAM GmbH HTM150 Datasheet HTML 3Page - OSRAM GmbH HTM150 Datasheet HTML 4Page - OSRAM GmbH HTM150 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Logistical Data
Product code
Product
description
Packaging unit
(Pieces/Unit)
Dimensions
(height x width x
length)
Volume
Gross weight
4050300581415
HTM
150/230…240
Shipping carton
box
10
166 mm x 98 mm
x 276 mm
4.49 dm³
2046.50 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
August 25, 2014, 14:52:57
© 2014, OSRAM GmbH. All rights reserved.
HTM 150/230…240
Page 5 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com