Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTM150 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # HTM150
Description  HALOTRONIC-COMPACT – HTM, HTN | Electronic transformers for low-voltage halogen lamps
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HTM150 Datasheet(HTML) 1 Page - OSRAM GmbH

  HTM150 Datasheet HTML 1Page - OSRAM GmbH HTM150 Datasheet HTML 2Page - OSRAM GmbH HTM150 Datasheet HTML 3Page - OSRAM GmbH HTM150 Datasheet HTML 4Page - OSRAM GmbH HTM150 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product benefits
Dimmable on the leading edge (without HTN) and trailing edge
Very low power loss thanks to high efficacy
Strain relief suitable for different cable types (HTM)
Suitable for space-critical installation thanks to compact functional design
Extremely compact transformer for highly space-critical installation conditions (HTN)
Protective operation throughout the entire partial-load range for long lamp life
Product features
Line frequency: 50…60 Hz
RI suppression: to EN 55015 (A1: 2007)/CISPR 15, EN 55022
Line harmonics according to EN 61000-3-2
Immunity according to EN 61547
Safety: to EN 61347
Short-circuit protection, overload protection, overtemperature protection: electronically reversible
Electrical isolation between the primary side and the secondary side
Switching between electronic transformer and lamp not permitted
Energy efficiency: ≥ 91 % (according to ErP regulation 2012/1194/EC)
Product datasheet
HTM 150/230…240
HALOTRONIC-COMPACT – HTM, HTN | Electronic transformers for low-voltage halogen lamps
Areas of application
Effect and accent lighting
Living rooms
Object lighting
Conference rooms
Restaurants
Recessed and surface-mounted furniture fixtures
Shop lighting
Event rooms
__
August 25, 2014, 14:52:57
© 2014, OSRAM GmbH. All rights reserved.
HTM 150/230…240
Page 1 of 5


Similar Part No. - HTM150

ManufacturerPart #DatasheetDescription
logo
Humirel
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
More results

Similar Description - HTM150

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLB0587 SIEMENS-SLB0587 Datasheet
865Kb / 22P
Dimmer IC for Halogen Lamps
SLB587 SIEMENS-SLB587 Datasheet
391Kb / 22P
DIMMER IC FOR HALOGEN LAMPS
logo
OSRAM GmbH
54466 OSRAM-54466 Datasheet
116Kb / 2P
Product Information Bulletin Medical Overhead Halogen Lamps Tungsten Halogen Low to Medium Voltage Lamps
FO106 OSRAM-FO106 Datasheet
122Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
FO125 OSRAM-FO125 Datasheet
40Kb / 2P
Product Information Bulletin Microscope LV Lamps Low Voltage Tungsten Halogen Lamps (Microscope)
FO153 OSRAM-FO153 Datasheet
120Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
FO171 OSRAM-FO171 Datasheet
105Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
logo
Gilway Technical Lamp
L1050-C GILWAY-L1050-C Datasheet
118Kb / 1P
Lens-End Halogen Lamps , Clear-End Halogen Lamps
logo
alpha microelectronics ...
A1780 ALPHA-MICRO-A1780 Datasheet
171Kb / 2P
dimmer IC for halogen lamps
logo
Gunter Seniconductor Gm...
TFA3352 GSG-TFA3352 Datasheet
161Kb / 15P
Control- and Monitoring-IC for Electronic Transformers operating Low-Voltage Halogen Lamps
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com