| Electronic Components Datasheet Search |
|
DD Marking, MP2011AGG Datasheet(PDF) 3 Page - Monolithic Power Systems |
|
||||||||||||||||||||||||||||||
MP2011AGG Datasheet(HTML) 3 Page - Monolithic Power Systems |
|
3 / 14 page ![]() MP2011A - 24V, 150mA, LOW QUIESCENT CURRENT LINEAR REGULATOR MP2011A Rev. 1.0 www.MonolithicPower.com 3 2/19/2016 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2016 MPS. All Rights Reserved. ABSOLUTE MAXIMUM RATINGS (1) IN, EN ..........................................-0.3V to +26V OUT ..............................................-0.3V to +17V FB .................................................-0.3V to +6V Lead Temperature ....................................260 C Storage Temperature............... -65 C to +150C Continuous Power Dissipation (TA = +25°C) (2) QFN-6(2mmx2mm) ..................................1.5W ESD SUSCEPTIBILITY (3) HBM (Human Body Mode) ..........................2kV MM (Machine Mode) ................................ 200V Recommended Operating Conditions (4) Supply Voltage VIN ...........................2.5V to 24V Output Voltage VOUT ....................1.215V to 15V Operating Junction Temp (TJ).. -40°C to +125°C Thermal Resistance (5) θJA θJC QFN-6 (2mmx2mm)..................80......16… C/W Notes: 1) Exceeding these ratings may damage the device. 2) The maximum allowable power dissipation is a function of the maximum junction temperature TJ (MAX), the junction-to- ambient thermal resistance θJA, and the ambient temperature TA. The maximum allowable continuous power dissipation at any ambient temperature is calculated by PD (MAX) = (TJ (MAX)-TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. Internal thermal shutdown circuitry protects the device from permanent damage. 3) Devices are ESD sensitive. Handling precaution recommended. 4) The device is not guaranteed to function outside of its operating conditions. 5) Measured on JESD51-7, 4-layer PCB. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |