| Electronic Components Datasheet Search |
|
DD Marking, MP2011AGG Datasheet(PDF) 10 Page - Monolithic Power Systems |
|
||||||||||||||||||||||||||||||
MP2011AGG Datasheet(HTML) 10 Page - Monolithic Power Systems |
|
10 / 14 page ![]() MP2011A - 24V, 150mA, LOW QUIESCENT CURRENT LINEAR REGULATOR MP2011A Rev. 1.0 www.MonolithicPower.com 10 2/19/2016 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2016 MPS. All Rights Reserved. OPERATION The MP2011A is a linear regulator that supplies power to systems with high voltage batteries. It includes a wide 2.5V to 24V input range, low dropout voltage and low quiescent supply current. The MP2011A provides wide variety of fixed output voltage option (if request): 1.8V, 1.9V, 2.3V, 2.5V, 3.0V, 3.3V, 3.45V, 5.0V; and also provides the output adjustable option (from 1.215V to 15V). The output adjustable version has an output that is adjustable from 1.215V to 15V with a simple resistor divider. It uses external feedback, allowing the user to set the output voltage with an external resistor divider. The typical FB pin voltage is 1.215V. The regulator output current is internally limited and the device is protected against over-load and over-temperature conditions. The peak output current is limited to around 270mA, which exceeds the 150mA recommended continuous output current. When the junction temperature is too high, the thermal sensor sends a signal to the control logic that will shutdown the IC. The IC will restart when the temperature has sufficiently cooled. The maximum power output current is a function of the package’s maximum power dissipation for a given temperature. The maximum power dissipation is dependent on the thermal resistance of the case and the circuit board, the temperature difference between the die junction and the ambient air, and the rate of air flow. The GND pin and Exposed Pad must be connected to the ground plane for proper dissipation. UVLO Vreference EA IN EN OUT FB GND For fixed output version only Figure 1: Functional Block Diagram |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |