| Electronic Components Datasheet Search |
|
DD Marking, MP2011AGG Datasheet(PDF) 1 Page - Monolithic Power Systems |
|
||||||||||||||||||||||||||||||
MP2011AGG Datasheet(HTML) 1 Page - Monolithic Power Systems |
|
1 / 14 page ![]() MP2011A 24V, 150mA, Low Quiescent Current Linear Regulator MP2011A Rev. 1.0 www.MonolithicPower.com 1 2/19/2016 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2016 MPS. All Rights Reserved. The Future of Analog IC Technology DESCRIPTION The MP2011A is a low power linear regulator that supplies power to systems with high voltage batteries. It includes a wide 2.5V to 24V input range, low dropout voltage and low quiescent supply current. The low quiescent current and low dropout voltage allow operations at extremely low power levels. Therefore, the MP2011A is an ideal for the low power microcontrollers and the battery-powered equipments. The MP2011A provides wide variety of fixed output voltage options (if request): 1.8V, 1.9V, 2.3V, 2.5V, 3.0V, 3.3V, 3.45V, 5.0V; and also provides the output adjustable option (from 1.215V to 15V). The regulator output current is internally limited and the device is protected against over-load and over-temperature conditions. The MP2011A also includes thermal shutdown and current limiting fault protection, and is available in QFN-6 (2mmx2mm) packages. FEATURES 2.5V to 24V Input Range 3.3µA Quiescent Supply Current Stable With low-value output ceramic capacitor (> 0.47μF) 150mA load current 700mV Dropout at 150mA Load Available in Fixed 3.3V Output and Adjustable Output (1.215V to 15V) versions Output ±1.5% Accuracy Specified current limit Thermal Shutdown and Short-Circuit Protection Available in QFN-6 (2mmx2mm) Packages APPLICATIONS Portable/Battery-Powered Equipment Ultra low power Microcontrollers Cellular Handsets All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For MPS green status, please visit MPS website under Quality Assurance. “MPS” and “The Future of Analog IC Technology” are Registered Trademarks of Monolithic Power Systems, Inc. TYPICAL APPLICATION Output Adjustable Version (QFN) Output Fixed Version (QFN) |
Similar Description - MP2011AGG |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |