Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

DD Marking, MP2011AGG Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2011AGG
Description  24V, 150mA, Low Quiescent Current Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2011AGG Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2011AGG Datasheet HTML 1Page - Monolithic Power Systems MP2011AGG Datasheet HTML 2Page - Monolithic Power Systems MP2011AGG Datasheet HTML 3Page - Monolithic Power Systems MP2011AGG Datasheet HTML 4Page - Monolithic Power Systems MP2011AGG Datasheet HTML 5Page - Monolithic Power Systems MP2011AGG Datasheet HTML 6Page - Monolithic Power Systems MP2011AGG Datasheet HTML 7Page - Monolithic Power Systems MP2011AGG Datasheet HTML 8Page - Monolithic Power Systems MP2011AGG Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP2011A - 24V, 150mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
MP2011A Rev. 1.0
www.MonolithicPower.com
4
2/19/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VEN=VIN, COUT=1µF, TJ= -40°C to +125°C, Typical value is tested at TJ= 25°C. The limit
over temperature is guaranteed by characterization, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Voltage
VIN
2.5
24
V
Output Voltage
Range
VOUT
1.215
15
V
MP2011AGG, 0<IOUT<1mA,
VIN=2.5V to 24V,
VOUT= 5V (VIN≥6V) or FB
(VIN<6V)
3.3
9
MP2011AGG,
1mA<IOUT<30mA, VIN=2.5V to
15V,
VOUT= 5V (VIN≥6V) or FB
(VIN<6V)
11
22
MP2011AGG,
30mA<IOUT<150mA, VIN=3V,
VOUT=FB
32
50
uA
MP2011AGG-33,
0mA<IOUT<1mA,
VIN=4.3V to 24V
4.4
10
MP2011AGG-33,
1mA<IOUT<30mA, VIN=4.3V to
15V
15
25
GND Pin
Current
IGND
MP2011AGG-33,
30mA<IOUT<150mA ,
VIN=4.3V
35
50
uA
Shutdown
Supply Current
ISHDN
VEN=0,VIN=2.5V to 24V
3
9
uA
MP2011AGG-33, VOUT=0V,
VIN=4.3V to 15V
160
270
400
mA
Load Current
limit
ILIMIT
MP2011AGG, VOUT=0V,
VIN=6V to 15V
160
270
400
mA
MP2011AGG-33, VIN=4.3V,
IOUT=0, TJ=25°C
3.251
3.3
3.349
Output Voltage
Accuracy
MP2011AGG-
33,VIN=4.3V,IOUT=0,TJ=-40°C
to 125°C
3.168
3.3
3.432
V
MP2011AGG/AGG-33,
FB=OUT, VIN=6V, IOUT=0,
TJ=25°C
1.197
1.215
1.233
V
FB Voltage
VFB
MP2011AGG/AGG-33,
FB=OUT, VIN=6V, IOUT=0,
TJ=-40°C to 125°C
1.167
1.215
1.263
V
MP2011AGG, IOUT=150mA,
VOUT(NOM)=5V
600
1300
mV
Dropout Voltage
VIN=VOUT(NOM)-
0.1V
VDROPOUT
MP2011AGG-33,
IOUT=150mA, VOUT(NOM)=3.3V
700
1300
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com