Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

DD Marking, MP2011AGG Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2011AGG
Description  24V, 150mA, Low Quiescent Current Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2011AGG Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2011AGG Datasheet HTML 5Page - Monolithic Power Systems MP2011AGG Datasheet HTML 6Page - Monolithic Power Systems MP2011AGG Datasheet HTML 7Page - Monolithic Power Systems MP2011AGG Datasheet HTML 8Page - Monolithic Power Systems MP2011AGG Datasheet HTML 9Page - Monolithic Power Systems MP2011AGG Datasheet HTML 10Page - Monolithic Power Systems MP2011AGG Datasheet HTML 11Page - Monolithic Power Systems MP2011AGG Datasheet HTML 12Page - Monolithic Power Systems MP2011AGG Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MP2011A - 24V, 150mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
MP2011A Rev. 1.0
www.MonolithicPower.com
9
2/19/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
QFN6
(2x2mm)
Name
Description
1
IN
Input Voltage. Connect a 2.5V to 24V supply to this pin.
2
EN
A logic low on this pin will shut down the IC, a logic high will start it up. Connect this
pin to IN for automatic start up.
3,
exposed
pad
GND
Ground (the exposed pad and GND pin must be connected to the same ground
plane)
4
FB
Feedback Input Pin, regulated to 1.215V nominally. Connected to an external
resistive divider between OUT and GND to set output voltage. For fixed output
version, this pin can be just float.
5
NC
No Connection. May be left open or tied to Ground for improved thermal
performance.
6
OUT
Regulated Output Voltage, only low-value ceramic capacitor (≥ 0.47μF) on output is
required for stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com