| Electronic Components Datasheet Search |
|
LTH2 Marking, LT3465 Datasheet(PDF) 1 Page - Linear Technology |
|
||||||||||||||||||||||||||||||
LT3465 Datasheet(HTML) 1 Page - Linear Technology |
|
1 / 12 page ![]() LT3465/LT3465A 1 3465af APPLICATIO S FEATURES TYPICAL APPLICATIO DESCRIPTIO , LTC and LT are registered trademarks of Linear Technology Corporation. s Inherently Matched LED Current s Drives Up to Six LEDs from a 3.6V Supply s No External Schottky Diode Required s 1.2MHz Switching Frequency (LT3465) s 2.4MHz Switching Frequency Above AM Broadcast Band (LT3465A) s Automatic Soft-Start (LT3465) s Open LED Protection s High Efficiency: 81% (LT3465) 79% (LT3465A) Typical s Requires Only 0.22 µF Output Capacitor s Low Profile (1mm) SOT-23 Packaging 1.2MHz/2.4MHz White LED Step-Up Converters with Built-In Schottky in ThinSOT s Cellular Phones s PDAs, Handheld Computers s Digital Cameras s MP3 Players s GPS Receivers The LT ®3465/LT3465A are step-up DC/DC converters designed to drive up to six LEDs in series from a Li-Ion cell. Series connection of the LEDs provides identical LED currents and eliminates the need for ballast resistors. These devices integrate the Schottky diode required exter- nally on competing devices. Additional features include output voltage limiting when LEDs are disconnected, one- pin shutdown and dimming control. The LT3465 has internal soft-start. The LT3465 switches at 1.2MHz, allowing the use of tiny external components. The faster LT3465A switches at 2.4MHz. Constant frequency switching results in low input noise and a small output capacitor. Just 0.22 µF is required for 3-, 4- or 5-LED applications. The LT3465 and LT3465A are available in low profile (1mm) 6-lead SOT-23 (ThinSOT TM) packages. ThinSOT is a trademark of Linear Technology Corporation. Figure 1. Li-Ion Powered Driver for Four White LEDs SW VOUT VIN LT3465/ LT3465A CTRL 3465A F01a 10 Ω C1 1 µF C2 0.22 µF C1, C2: X5R OR X7R DIELECTRIC L1: MURATA LQH32CN220 L1 22 µH 3V TO 5V SHUTDOWN AND DIMMING CONTROL FB GND LED CURRENT (mA) 0 78 80 20 3465A F01b 76 60 70 68 66 64 62 72 74 5 10 15 82 VIN = 3.6V 4 LEDs LT3465 LT3465A Conversion Efficiency |
Similar Description - LT3465 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |