| Electronic Components Datasheet Search |
|
LTH2 Marking, LT3465 Datasheet(PDF) 3 Page - Linear Technology |
|
||||||||||||||||||||||||||||||
LT3465 Datasheet(HTML) 3 Page - Linear Technology |
|
3 / 12 page ![]() LT3465/LT3465A 3 3465af TYPICAL PERFOR A CE CHARACTERISTICS Switch Saturation Voltage (VCESAT) Schottky Forward Voltage Drop Shutdown Quiescent Current (CTRL = 0V) SWITCH CURRENT (mA) 0 0 50 150 200 250 200 450 3465A G01 100 100 50 250 300 150 350 300 350 400 TA = 25°C SCHOTTKY FORWARD DROP (mV) 0 0 50 100 150 200 300 200 400 600 800 3465A G02 1000 1200 250 TA = 25°C VIN (V) 2 12 15 18 8 14 3465A G03 9 6 3 0 4 6 10 12 21 24 27 30 16 TA = 25°C VFB vs VCTRL Open-Circuit Output Clamp Voltage CONTROL VOLTAGE (V) 0 100 150 2 3465A G04 50 0 0.5 1 1.5 250 200 TA = 25°C INPUT VOLTAGE (V) 2 20 25 35 812 3465A G05 15 10 46 10 14 16 5 0 30 TA = 25°C Input Current in Output Open Circuit Switching Waveforms (LT3465) INPUT VOLTAGE (V) 2 2.5 0 2 5 3 4 4.5 3465A G06 1 4 3 3.5 5 TA = 25°C VSW 10V/DIV IL 100mA/DIV VOUT 100mV/DIV VIN = 3.6V 200ns/DIV 3465A G07a 4 LEDs 20mA, 22 µH TEMPERATURE ( °C) –50 4365A G08 0 50 100 3.0 2.5 2.0 1.5 1.0 0.5 0 LT3465 LT3465A Switching Frequency Switching Waveforms (LT3465A) VSW 10V/DIV IL 50mA/DIV VOUT 50mV/DIV VIN = 3.6V 100ns/DIV 3465A G07b 4 LEDs 20mA, 22 µH |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |