| Electronic Components Datasheet Search |
|
LTH2 Marking, LT3465 Datasheet(PDF) 4 Page - Linear Technology |
|
||||||||||||||||||||||||||||||
LT3465 Datasheet(HTML) 4 Page - Linear Technology |
|
4 / 12 page ![]() LT3465/LT3465A 4 3465af TYPICAL PERFOR A CE CHARACTERISTICS Quiescent Current (CTRL = 3V) VIN (V) 0 0 0.5 1.0 1.5 2.0 2.5 3.0 510 15 20 3465A G10 –50 °C 25 °C 100 °C DUTY CYCLE (%) 0 150 200 250 60 100 3465A G11 100 50 0 20 40 80 300 350 400 –50 °C 25 °C 100 °C TEMPERATURE ( °C) –50 70 75 3465A G12 65 60 0 50 100 85 20mA 80 10mA 15mA LT3465 LT3465A Switching Current Limit VIN = 3.6V, 4 LEDs PI FU CTIO S VOUT (Pin 1): Output Pin. Connect to output capacitor and LEDs. Minimize trace between this pin and output capaci- tor to reduce EMI. GND (Pin 2): Ground Pin. Connect directly to local ground plane. FB (Pin 3): Feedback Pin. Reference voltage is 200mV. Connect LEDs and a resistor at this pin. LED current is determined by the resistance and CTRL pin voltage: I mV R When V V I V R When V V LED FB CTRL LED CTRL FB CTRL ≈> ≈< 200 18 5 1 . • CTRL (Pin 4): Dimming Control and Shutdown Pin. Ground this pin to shut down the device. When VCTRL is greater than about 1.8V, full-scale LED current is generated. When VCTRL is less than 1V, LED current is reduced. VIN (Pin 5): Input Supply Pin. Must be locally bypassed with a 1 µF X5R or X7R type ceramic capacitor. SW (Pin 6): Switch Pin. Connect inductor here. TEMPERATURE ( °C) –50 3 4 VR = 25 VR = 16 VR = 10 5 3465A G13 2 1 0 050 6 7 8 100 Schottky Leakage Current TEMPERATURE ( °C) –50 190 192 196 198 200 210 204 –10 30 50 3465A G09 194 206 208 202 –30 10 70 90 Feedback Voltage |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |